Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC210 Datasheet (PDF) - Dynex Semiconductor

DC210 Datasheet PDF - Dynex Semiconductor
Part # DC210
Download  DC210 Download
File Size   257.99 Kbytes
Page   3 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description 210 Centres Bar Clamp

DC210 Datasheet (PDF)

Go To PDF Page Download Datasheet
DC210 Datasheet PDF - Dynex Semiconductor

Part # DC210
Download  DC210 Click to download

File Size   257.99 Kbytes
Page   3 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description 210 Centres Bar Clamp

DC210 Datasheet (HTML) - Dynex Semiconductor


DC210 Product details

DESCRIPTION
Dynex offers a range of standard clamps designed to
accommodate press pack semiconductors with tie rod
centres from 75mm to 210mm and clamping force
from 5kN to 138kN.
The set clamps use Disc Springs to DIN 2092/2093 to
apply the clamping force over a wide temperature
range. The clamps also incorporate pressure
indicators to make installation simple. Isolation is
provided by high quality ceramic insulators and PTFE
sleeving.
Zinc plating with a Yellow Passivated finish is used for
enhanced corrosion protection.
If a clamp you require is not available in our standard
range, Dynex can provide a clamping solution to your
individual needs. Speak to your local sales
representative for details.

ORDERING INFORMATION
Example Part Number:
DC210/120/200/R




Similar Part No. - DC210

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
DC2100A05 YANTEL-DC2100A05 Datasheet
1Mb / 9P
Directional Coupler
DC2100A10 YANTEL-DC2100A10 Datasheet
728Kb / 9P
Directional Coupler
DC2100A20 YANTEL-DC2100A20 Datasheet
1Mb / 9P
Directional Coupler
DC2100A30 YANTEL-DC2100A30 Datasheet
1Mb / 9P
Directional Coupler
DC2100P05 YANTEL-DC2100P05 Datasheet
1Mb / 9P
Directional Coupler
More results


Similar Description - DC210

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
HPGV-0000 RALSTON-HPGV-0000 Datasheet
347Kb / 1P
3000 psi (210 bar) HPGV pump
HPGV-1KPSIG-M RALSTON-HPGV-1KPSIG-M Datasheet
363Kb / 2P
HPGV (3000 psi / 210 bar) pump
HPGV-4GBW RALSTON-HPGV-4GBW Datasheet
347Kb / 1P
3000 psi (210 bar) HPGV pump
logo
SICK AG
BEF-KHS-KH3 SICK-BEF-KHS-KH3 Datasheet
386Kb / 4P
Universal bar clamp systems
BEF-MS12G-A SICK-BEF-MS12G-A Datasheet
209Kb / 4P
Universal bar clamp systems
BEF-MS12G-B SICK-BEF-MS12G-B Datasheet
209Kb / 4P
Universal bar clamp systems
BEF-MS12L-A SICK-BEF-MS12L-A Datasheet
218Kb / 4P
Universal bar clamp systems
BEF-MS12L-B SICK-BEF-MS12L-B Datasheet
218Kb / 4P
Universal bar clamp systems
BEF-MS12Z-A SICK-BEF-MS12Z-A Datasheet
210Kb / 4P
Universal bar clamp systems
BEF-MS12Z-B SICK-BEF-MS12Z-B Datasheet
210Kb / 4P
Universal bar clamp systems
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com