Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC606LC5 Datasheet (PDF) - Hittite Microwave Corporation

HMC606LC5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC606LC5
Download  HMC606LC5 Download
File Size   382.56 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz

HMC606LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC606LC5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC606LC5
Download  HMC606LC5 Click to download

File Size   382.56 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz

HMC606LC5 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC606LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC606LC5 HITTITE-HMC606LC5 Datasheet
273Kb / 6P
GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC606LC5 HITTITE-HMC606LC5 Datasheet
273Kb / 6P
GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
logo
Analog Devices
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
logo
Hittite Microwave Corpo...
HMC606LC5 HITTITE-HMC606LC5_08 Datasheet
273Kb / 6P
GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
More results


Similar Description - HMC606LC5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
NGA-489 SIRENZA-NGA-489 Datasheet
418Kb / 5P
InGaP/GaAs HBT MMIC Amplifier
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC606 HITTITE-HMC606 Datasheet
411Kb / 6P
GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC-C050 HITTITE-HMC-C050 Datasheet
416Kb / 6P
ULTRA LOW PHASE NOISE DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC606 HITTITE-HMC606_09 Datasheet
323Kb / 6P
GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC606LC5 HITTITE-HMC606LC5_08 Datasheet
273Kb / 6P
GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
logo
Analog Devices
ADL8150 AD-ADL8150 Datasheet
251Kb / 15P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
10/2020-Revision 0
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
7/2020-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com