Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10E131 Datasheet (PDF) - Arizona Microtek, Inc

AZ10E131 Datasheet PDF - Arizona Microtek, Inc
Part # AZ10E131
Download  AZ10E131 Download
File Size   76.08 Kbytes
Page   6 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL 4-bit D Flip-Flop

AZ10E131 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ10E131 Datasheet PDF - Arizona Microtek, Inc

Part # AZ10E131
Download  AZ10E131 Click to download

File Size   76.08 Kbytes
Page   6 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL 4-bit D Flip-Flop

AZ10E131 Datasheet (HTML) - Arizona Microtek, Inc


AZ10E131 Product details

DESCRIPTION
The AZ10/100E131 is a quad master-slave D-type flip-flop with differential outputs. Each flip-flop may be clocked separately by holding Common Clock (CC) LOW and using the Clock Enable (CE ¯¯ n) inputs for clocking.
   
FEATURES
• 1100 MHz Min. Toggle Frequency
• Differential Outputs
• Individual and Common Clocks
• Individual Resets (asynchronous)
• Paired Sets (asynchronous)
• Operating Range of 4.2V to 5.46V
• 75kΩ Internal Input Pulldown Resistors
• Direct Replacement for On Semiconductor
    MC10E131 & MC100E131
   




Similar Part No. - AZ10E131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
1:9 Differential Clock Driver
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
ECL/PECL 1:9 Differential Clock Driver
AZ10E111FN AZM-AZ10E111FN Datasheet
91Kb / 6P
ECL/PECL 1:9 Differential Clock Driver
AZ10E116 AZM-AZ10E116 Datasheet
79Kb / 5P
ECL/PECL Quint Differential Line Receiver
AZ10E116FN AZM-AZ10E116FN Datasheet
79Kb / 5P
ECL/PECL Quint Differential Line Receiver
More results


Similar Description - AZ10E131

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
104Kb / 4P
4-BIT D FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131 Datasheet
74Kb / 4P
4-BIT D FLIP-FLOP
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131_06 Datasheet
129Kb / 8P
5V ECL 4-Bit D Flip-Flop
November, 2006 ??Rev. 11
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
4-BIT D FLIP-FLOP
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
ECL/PECL D Flip-Flop with Set and Reset
logo
Maxim Integrated Produc...
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
4-bit D Flip-Flop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com