Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10LVEL11 Datasheet (PDF) - Arizona Microtek, Inc

AZ10LVEL11 Datasheet PDF - Arizona Microtek, Inc
Part # AZ10LVEL11
Download  AZ10LVEL11 Download
File Size   88.29 Kbytes
Page   7 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL 1:2 Differential Fanout Buffer

AZ10LVEL11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ10LVEL11 Datasheet PDF - Arizona Microtek, Inc

Part # AZ10LVEL11
Download  AZ10LVEL11 Click to download

File Size   88.29 Kbytes
Page   7 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description ECL/PECL 1:2 Differential Fanout Buffer

AZ10LVEL11 Datasheet (HTML) - Arizona Microtek, Inc


AZ10LVEL11 Product details

DESCRIPTION

The AZ10/100LVEL11 is a differential 1:2 fanout gate. The device is functionally similar to the E111 device but with higher performance capabilities. Having within-device skews and output transition times significantly improved over the E111, the AZ10/100LVEL11 is ideally suited for those applications that require the ultimate in AC performance.

The differential inputs of the AZ10/100LVEL11 employ clamping circuitry to maintain stability under open input conditions. If the inputs are left open, the Q outputs will go LOW. NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established.



FEATURES

• 265ps Propagation Delay

• 5ps Skew Between Outputs

• High Bandwidth Output Transitions

• Internal Input Pulldown Resistors

• Operating Range of 3.0V to 5.5V

• Direct Replacement for ON-Semi MC100LVEL11, MC10EL11 & MC100EL11

• Transistor Count = 51




Similar Part No. - AZ10LVEL11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
ECL/PECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16D ETC1-AZ10LVEL16D Datasheet
78Kb / 6P
ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10LVEL16D AZM-AZ10LVEL16D Datasheet
82Kb / 7P
ECL/PECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16T ETC1-AZ10LVEL16T Datasheet
78Kb / 6P
ECL/PECL Differential Receiver
More results


Similar Description - AZ10LVEL11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
ECL/PECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
ECL/PECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
PECL/ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com