Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTM4015 Datasheet (PDF) - DinTek Semiconductor Co,.Ltd

DTM4015 Datasheet PDF - DinTek Semiconductor Co,.Ltd
Part # DTM4015
Download  DTM4015 Download
File Size   410.43 Kbytes
Page   9 Pages
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd
Description P-Channel 40 V (D-S) MOSFET

DTM4015 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTM4015 Datasheet PDF - DinTek Semiconductor Co,.Ltd

Part # DTM4015
Download  DTM4015 Click to download

File Size   410.43 Kbytes
Page   9 Pages
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd
Description P-Channel 40 V (D-S) MOSFET

DTM4015 Datasheet (HTML) - DinTek Semiconductor Co,.Ltd


DTM4015 Product details

FEATURES
• 100% Rg and UIS Tested
APPLICATIONS
• Adaptor Switch
• Load Switch
• Power Management
• Mobile Computing




Similar Part No. - DTM4015

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4410 DINTEK-DTM4410 Datasheet
303Kb / 9P
N-Channel 30-V (D-S) MOSFET
DTM4410 DINTEK-DTM4410 Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET 100 % Rg and UIS Tested
DTM4410 DINTEK-DTM4410_13 Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET 100 % Rg and UIS Tested
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - DTM4015

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
P-Channel 40-V (D-S) MOSFET
21-Jan-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
P-Channel 40-V (D-S) MOSFET
02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
P-Channel 40 V (D-S) MOSFET
31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
P-Channel 40-V (D-S) MOSFET
21-Apr-08
logo
VBsemi Electronics Co.,...
SPP9527WS8RGB VBSEMI-SPP9527WS8RGB Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSG4841P VBSEMI-SSG4841P Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSM9563GM VBSEMI-SSM9563GM Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com