Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N471K Datasheet (PDF) - JOYIN CO., LTD.

7N471K Datasheet PDF - JOYIN CO., LTD.
Part # 7N471K
Download  7N471K Download
File Size   276.62 Kbytes
Page   1 Pages
Manufacturer  JOYIN [JOYIN CO., LTD.]
Direct Link  https://www.joyin.com.tw/en
Logo JOYIN - JOYIN CO., LTD.
Description Electrical Characteristics

7N471K Datasheet (PDF)

Go To PDF Page Download Datasheet
7N471K Datasheet PDF - JOYIN CO., LTD.

Part # 7N471K
Download  7N471K Click to download

File Size   276.62 Kbytes
Page   1 Pages
Manufacturer  JOYIN [JOYIN CO., LTD.]
Direct Link  https://www.joyin.com.tw/en
Logo JOYIN - JOYIN CO., LTD.
Description Electrical Characteristics

7N471K Datasheet (HTML) - JOYIN CO., LTD.


7N471K Product details

Material of coating : Epoxy powder
Color of coating : Yellowish brown
Storage condition→ Temperature: -40℃~125℃/ Humidity : 75%RH max. Status
Operation temperature range(18V~150V) : -40 to 85 ℃
Operation temperature range(180V~1800V) : -40 to 125 ℃




Similar Part No. - 7N471K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N40 UTC-7N40 Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N40 ISC-7N40 Datasheet
49Kb / 2P
Fast Switching Speed
logo
Unisonic Technologies
7N40G-TA3-T UTC-7N40G-TA3-T Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
7N40G-TF1-T UTC-7N40G-TF1-T Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
7N40L-TA3-T UTC-7N40L-TA3-T Datasheet
175Kb / 4P
7A, 400V N-CHANNEL POWER MOSFET
More results


Similar Description - 7N471K

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4984 NJSEMI-1N4984 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4995 NJSEMI-1N4995 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N5555_1202 NJSEMI-1N5555_1202 Datasheet
292Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com