Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL70323 Datasheet (PDF) - Microsemi Corporation

ZL70323 Datasheet PDF - Microsemi Corporation
Part # ZL70323
Download  ZL70323 Download
File Size   1100.62 Kbytes
Page   21 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ZL70323 MICS-Band RF Miniaturized Standard Implant Module (MiniSIM)

ZL70323 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL70323 Datasheet PDF - Microsemi Corporation

Part # ZL70323
Download  ZL70323 Click to download

File Size   1100.62 Kbytes
Page   21 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ZL70323 MICS-Band RF Miniaturized Standard Implant Module (MiniSIM)

ZL70323 Datasheet (HTML) - Microsemi Corporation


ZL70323 Product details

Features
• Complete ZL70103-based MICS-Band1 RF Telemetry Radio
Solution
• Implantable Radio Module Designed to Enable Rapid
Development of Implantable Medical Devices
• Implant-Grade Quality Assurance
• Ultracompact Design and Small Size (4.5×5.5×1.6mm)
• RX Sensitivity of −102dBm at 200kbit/s (with packet error
rate of 10%)
• Additional Lower Data Rates Available (40/18.18kbit/s)
• Designed to Meet Regulatory Requirements (FDA, FCC,
ETSI, and IEC)

Description
The ZL70323 implantable radio module implements all RFrelated functions needed to deploy the implantable node in a
MICS-band RF telemetry system. The integrated antenna
tuning circuit allows the module to be used with a wide range of
implantable antennas (nominal antenna impedance is
100+j150Ω). Figure 1 shows the module’s major subsystems:
• ZL70103-based MICS-band RF transceiver with an
integrated matching network, SAW filters for suppression of
unwanted blockers, and antenna tuning.
• 2.45-GHz wake-up receiver matching network.
• Integrated 24-MHz reference frequency crystal.
• Decoupling capacitors.

Applications
• Implantable Medical Devices
– Cardiac Rhythm Management
– Neurostimulators
– Drug Delivery, Sensors, and Diagnostics

Ordering Information
ZL70323MNJ 15-pad LGA
Please refer to "Package Overview" on page 4-3 for details




Similar Part No. - ZL70323

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL70321 MICROSEMI-ZL70321 Datasheet
1Mb / 26P
ZL70321 MICS-Band RF Standard Implant Module (SIM)
February 2013 I
More results


Similar Description - ZL70323

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
165-62 AMPHENOL-165-62 Datasheet
1Mb / 10P
Miniaturized Standard Connectors
165-16 AMPHENOL-165-16 Datasheet
5Mb / 10P
Amphenol 67 and 165 Series Miniaturized Standard Connectors
165-26 AMPHENOL-165-26 Datasheet
5Mb / 10P
Amphenol 67 and 165 Series Miniaturized Standard Connectors
logo
List of Unclassifed Man...
DX-5R5V473U ETC2-DX-5R5V473U Datasheet
151Kb / 2P
5.5V Miniaturized Standard Capacitors
TWS-CS-1 ETC2-TWS-CS-1 Datasheet
293Kb / 3P
Wireless Narrow Band Transmitter Module (RF ASK)
TWS-CS-2 ETC2-TWS-CS-2 Datasheet
304Kb / 3P
Wireless Narrow Band Transmitter Module (RF ASK)
TWS-CS-3 ETC2-TWS-CS-3 Datasheet
303Kb / 3P
Wireless Narrow Band Transmitter Module (RF ASK)
logo
Holtek Semiconductor In...
HT7M2126 HOLTEK-HT7M2126 Datasheet
4Mb / 25P
PIR Detector Miniaturized Module
June 17, 2016
logo
NXP Semiconductors
TCA07F NXP-TCA07F Datasheet
85Kb / 3P
Integrated Miniaturized Antenna for 433 MHz ISM Band Wireless RF Applications
Ver 3.2 9/13/2000
TCA14A NXP-TCA14A Datasheet
207Kb / 3P
Integrated Miniaturized Antenna for 838~898 MHz ISM Band Wireless RF Applications
Ver1.1 11/15/2001
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com