| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFS0D9N04XL
|
183Kb / 8P |
MOSFET - Power, Single N-Channel, Logic Level, SO8FL 40 V, 0.9 m, 278 A
February, 2023 - Rev. 0 |
|
NVMFWS2D9N04XM
|
149Kb / 7P |
MOSFET – Power, Single N-Channel, STD Gate, SO8FL 40 V, 3.1 m, 94 A
April, 2023 - Rev. 2 |
|
NVMFWS1D1N04XM
|
149Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.05 m, 233 A
April, 2023 - Rev. 3 |
|
NVMFWS2D3N04XM
|
146Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 2.35 m, 121 A
April, 2023 - Rev. 1 |
|
NVMFWS1D3N04XM
|
148Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.3 m, 195 A
April, 2023 - Rev. 1 |
|
NVMFWS1D5N08X
|
164Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 1.43 m, 253 A
April, 2023 - Rev. 0 |
|
NTMFS1D1N04XM
|
131Kb / 6P |
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.05 m, 233 A
June, 2023 - Rev. 0 |
|
NTMFS1D3N04XM
|
131Kb / 6P |
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.3 m, 195 A
June, 2023 - Rev. 0 |
|
NVMFWS004N04XM
|
143Kb / 7P |
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 4.7 m, 66 A
November, 2023 - Rev. 1 |
|
NTMFS4D0N08X
|
231Kb / 8P |
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3.5 m, 119 A
December, 2023 - Rev. 0 |