| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
P89V51RD2
|
350Kb / 75P |
8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004 |
|
P89LV51RD2
|
349Kb / 77P |
8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004 |
|
P89V51RB2
|
350Kb / 77P |
8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004 |
|
P89LV51RB2
|
349Kb / 77P |
8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004 |
|
P89V660
|
393Kb / 89P |
8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008 |
|
P89V660_0811
|
393Kb / 89P |
8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008 |
|
P89LV51RB2
|
332Kb / 76P |
8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009 |
|
P89V51RB2
|
1Mb / 80P |
8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009 |
|
P89V664FA512
|
720Kb / 90P |
8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011 |
|
P89V51RB2
|
1Mb / 80P |
8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009 |