Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP72T150 Datasheet (PDF) - UCHIYA THERMOSTAT CO., LTD

UP72T150 Datasheet PDF - UCHIYA THERMOSTAT CO., LTD
Part # UP72T150
Download  UP72T150 Download
File Size   443.91 Kbytes
Page   1 Pages
Manufacturer  UCHIYA [UCHIYA THERMOSTAT CO., LTD]
Direct Link  http://www.uchiya.co.jp/index2.html
Logo UCHIYA - UCHIYA THERMOSTAT CO., LTD
Description Operating Temp 55℃~150℃ 5℃ step)

UP72T150 Datasheet (PDF)

Go To PDF Page Download Datasheet
UP72T150 Datasheet PDF - UCHIYA THERMOSTAT CO., LTD

Part # UP72T150
Download  UP72T150 Click to download

File Size   443.91 Kbytes
Page   1 Pages
Manufacturer  UCHIYA [UCHIYA THERMOSTAT CO., LTD]
Direct Link  http://www.uchiya.co.jp/index2.html
Logo UCHIYA - UCHIYA THERMOSTAT CO., LTD
Description Operating Temp 55℃~150℃ 5℃ step)

UP72T150 Datasheet (HTML) - UCHIYA THERMOSTAT CO., LTD


UP72T150 Product details

Applications
Overheating Protection
Small motor
Transformer
Power Supply
Lighting Fixture
Projector




Similar Part No. - UP72T150

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
USB Dedicated Charging Port Controller
UP7102PMA6 UPI-UP7102PMA6 Datasheet
97Kb / 9P
USB Dedicated Charging Port Controller
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
USB Dedicated Charging Port Controller
UP7103PMA6 UPI-UP7103PMA6 Datasheet
86Kb / 9P
USB Dedicated Charging Port Controller
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
USB Dedicated Charging Port Controller
More results


Similar Description - UP72T150

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM022C71A103KE01 MURATA1-GRM022C71A103KE01 Datasheet
176Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM022C81A103ME01 MURATA1-GRM022C81A103ME01_V01 Datasheet
176Kb / 2P
Operating Temperature Range -55??to 105?
11/23/2021
GRM022R61E103ME01 MURATA1-GRM022R61E103ME01_V01 Datasheet
176Kb / 2P
Operating Temperature Range 55??to 85?
11/23/2021
GRM155C61E475ME15 MURATA1-GRM155C61E475ME15_V01 Datasheet
177Kb / 2P
Operating Temperature Range 55??to 85?
11/23/2021
GRM155R61H224ME01 MURATA1-GRM155R61H224ME01_V01 Datasheet
178Kb / 2P
Operating Temperature Range 55??to 85?
11/23/2021
GRM155R61J224KE01 MURATA1-GRM155R61J224KE01_V01 Datasheet
179Kb / 2P
Operating Temperature Range 55??to 85?
11/23/2021
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01_V01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70J226ME01 MURATA1-GRM188D70J226ME01_V01 Datasheet
180Kb / 2P
Operating Temperature Range -55??to 125?
logo
Guangdong Youtai Semico...
TMP112A UMW-TMP112A Datasheet
756Kb / 17P
Temperature range: -55°C ~ 150°C
TMP112BIDRLR UMW-TMP112BIDRLR Datasheet
763Kb / 17P
Temperature range: -55°C ~ 150°C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com