Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2917ACPZ Datasheet (PDF) - Analog Devices

ADN2917ACPZ Datasheet PDF - Analog Devices
Part # ADN2917ACPZ
Download  ADN2917ACPZ Download
File Size   509.87 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ

ADN2917ACPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2917ACPZ Datasheet PDF - Analog Devices

Part # ADN2917ACPZ
Download  ADN2917ACPZ Click to download

File Size   509.87 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ

ADN2917ACPZ Datasheet (HTML) - Analog Devices


ADN2917ACPZ Product details

FEATURES Serial data input: 8.5 Gbps to 11.3 Gbps No reference clock required Exceeds SONET/SDH requirements for jitter transfer/generation/tolerance
Quantizer sensitivity: 9.2 mV p-p typical (limiting amplifier mode) Optional limiting amplifier and equalizer inputs Programmable jitter transfer bandwidth to support G.8251 OTN
Programmable slice level Sample phase adjust Output polarity invert Programmable LOS threshold via I2C
I2C to access optional features LOS alarm (limiting amplifier mode only) LOL indicator PRBS generator/detector Application-aware power 352 mW at 8.5 Gbps, equalizer mode, no clock output 430 mW at 11.3 Gbps, equalizer mode, no clock output
Power supplies: 1.2 V, flexible 1.8 V to 3.3 V, and 3.3 V 4 mm × 4 mm 24-lead LFCSP APPLICATIONS
SONET/SDH OC-192, 10GFC, and 10GE and all associated FECs XFP, line cards, clocks, routers, repeaters, instruments Any rate regenerators/repeaters




Similar Part No. - ADN2917ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2917ACPZ AD-ADN2917ACPZ Datasheet
703Kb / 32P
Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
ADN2917ACPZ-RL7 AD-ADN2917ACPZ-RL7 Datasheet
703Kb / 32P
Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
More results


Similar Description - ADN2917ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Jun-2004
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
9/05-Revision 0
logo
Texas Instruments
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
REV. A
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
11.3-Gbps Rate-Selectable Limiting Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com