Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP619EK-L Datasheet (PDF) - Sipex Corporation

SP619EK-L Datasheet PDF - Sipex Corporation
Part # SP619EK-L
Download  SP619EK-L Download
File Size   498.92 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Current Power Switch

SP619EK-L Datasheet (PDF)

Go To PDF Page Download Datasheet
SP619EK-L Datasheet PDF - Sipex Corporation

Part # SP619EK-L
Download  SP619EK-L Click to download

File Size   498.92 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Current Power Switch

SP619EK-L Datasheet (HTML) - Sipex Corporation


SP619EK-L Product details

High Current Power Switch



DESCRIPTION

The  SP69  is  a  low  Rds(on) high  current  switch  designed  with  precision  current  limiting  to  protect  connected  devices  from  damage  due  to  a  short  circuit  condition  or against  current  surges  that  may  cause  the  supply  voltages  to  fall  out  of  regulation.  This  switch  operates  from  an  input  voltage  range  of  2.5V  to  7V, making  it  ideal for  3V  and  5V  applications.   The  SP69  is  also  protected  from  thermal  overload which  limits  power  dissipation.   In  shutdown  mode,  the  supply  current  drops  to  2µA.



FEATURES

• Max Rds(on).377 Ohms

• Overcurrent deactivation 800mA

• Max leakage current less than 2µA while deactivated

• Small 6 pin SOT-23 package

• Built-in Over-temperature Protection

• Wide Input voltage range 2.5V to 7V



APPLICATIONS

• Ultra low cost handsets

• PDA, DSC, MP3 players

• Cell phones

• Power Distribution Switch

• Battery-Charger Circuit




Similar Part No. - SP619EK-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP619EK-L EXAR-SP619EK-L Datasheet
207Kb / 7P
High Current Power Switch
SP619EK-L/TR EXAR-SP619EK-L/TR Datasheet
207Kb / 7P
High Current Power Switch
More results


Similar Description - SP619EK-L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
Smart Highside High Current Power Switch
2003-Oct-01
logo
Exar Corporation
SP619 EXAR-SP619 Datasheet
207Kb / 7P
High Current Power Switch
logo
Unisonic Technologies
UPS611 UTC-UPS611 Datasheet
264Kb / 11P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS603 UTC-UPS603 Datasheet
545Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
E-Tech Electronics LTD
UPS602 ETL-UPS602 Datasheet
582Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS604 ETL-UPS604 Datasheet
596Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 ETL-UPS703 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS704 ETL-UPS704 Datasheet
546Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com