Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG-2832GLBAT02 Datasheet (PDF) - List of Unclassifed Manufacturers

UG-2832GLBAT02 Datasheet PDF - List of Unclassifed Manufacturers
Part # UG-2832GLBAT02
Download  UG-2832GLBAT02 Download
File Size   192.03 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Module竊숺LED TCP

UG-2832GLBAT02 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2832GLBAT02 Datasheet PDF - List of Unclassifed Manufacturers

Part # UG-2832GLBAT02
Download  UG-2832GLBAT02 Click to download

File Size   192.03 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Module竊숺LED TCP

UG-2832GLBAT02 Datasheet (HTML) - List of Unclassifed Manufacturers


UG-2832GLBAT02 Product details

[Univision Technology Inc.]

Module:OLED + TCP Size:1.11”

Physical Data
    Diagonal Screen Size : 1.11 inch
    Resolution : 128 x 32 Dots
    Display Color : Monochrome ( Light Blue )
    Module Size : 33.40 x 29.00 x 1.80 mm
    Panel Size : 33.40 x 14.50 x 1.80 mm
    Active Area : 27.50 x 6.06 mm
    Pixel Pitch : 0.215 x 0.19 mm
    Pixel Size : 0.195 x 0.17 mm
    Weight : TBD




Similar Part No. - UG-2832GLBAT02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UG-2828GDEDF02 ETC2-UG-2828GDEDF02 Datasheet
833Kb / 29P
OEL Display Module
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
Product Specification
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
UG-289 AD-UG-289 Datasheet
179Kb / 8P
RedyKit for the ADP150 LDO
REV. 0
logo
Hirose Electric
UG-28A/U HIROSE-UG-28A/U Datasheet
306Kb / 6P
RFCO-AXIAL CONNECTORS
More results


Similar Description - UG-2832GLBAT02

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
FDS100CA100 SANREX-FDS100CA100 Datasheet
96Kb / 2P
DIODE MODULE竊뉶.R.D.竊
FRS400BA50 SANREX-FRS400BA50 Datasheet
106Kb / 2P
DIODE MODULE竊뉶.R.D.竊
DKR300AB60 SANREX-DKR300AB60 Datasheet
94Kb / 2P
DIODE MODULE竊뉿ON-ISOLATED TYPE竊
DKR400AB60 SANREX-DKR400AB60 Datasheet
83Kb / 2P
DIODE MODULE竊뉿ON-ISOLATED TYPE竊
FRS400DA100 SANREX-FRS400DA100 Datasheet
94Kb / 2P
DIODE MODULE竊뉶.R.D.竊
MDF150A-L SANREX-MDF150A-L Datasheet
99Kb / 2P
DIODE MODULE竊뉶.R.D.竊
MDF250A-L SANREX-MDF250A-L Datasheet
94Kb / 2P
DIODE MODULE竊뉶.R.D.竊
logo
List of Unclassifed Man...
140NOE77111 ETC2-140NOE77111 Datasheet
74Kb / 3P
Ethernet network TCP/IP module
logo
SanRex Corporation
PWB80A SANREX-PWB80A Datasheet
112Kb / 2P
THYRISTOR MODULE竊뉿ON-ISOLATED TYPE竊
SG25AA SANREX-SG25AA Datasheet
115Kb / 2P
THYRISTOR MODULE竊뉹SOLATED MOLD TYPE竊
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com