Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS85A01 Datasheet (PDF) - Reed Semiconductor Corp.

RS85A01 Datasheet PDF - Reed Semiconductor Corp.
Part # RS85A01
Download  RS85A01 Download
File Size   155.27 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 5x6mm Package

RS85A01 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS85A01 Datasheet PDF - Reed Semiconductor Corp.

Part # RS85A01
Download  RS85A01 Click to download

File Size   155.27 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 5x6mm Package

RS85A01 Datasheet (HTML) - Reed Semiconductor Corp.


RS85A01 Product details

Features
• 2.5V to 7.5V Operating Input Range
• 5V VDD supply for internal logic
• Integrated power stage with High/Low-side
MOSFETs and Drivers
• 100A Max, 45A TDC Output Current
• Operation Frequency up to 4MHz with 5V VIN
• Compatible with 3.3V tri-state PWM input
• Internal Current Sense and Temperature Sense
• Built in Protection
- Vin and VDD UVLO
- High side Over Current Protection
- Cycle-by-cycle Over Current Limit
- Over Temperature Protection (OTP)
• Common Footprint Small Package Size 5x6mm
• RoHS Compliant and Green




Similar Part No. - RS85A01

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS85A10 REED-RS85A10 Datasheet
149Kb / 2P
2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 4x6mm Package
RS85A10R REED-RS85A10R Datasheet
149Kb / 2P
2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 4x6mm Package
RS85A10T REED-RS85A10T Datasheet
149Kb / 2P
2.5V to 7.5V, 100A, High-Efficiency Half-Bridge Powerstage with Current and Temperature Sense in 4x6mm Package
More results


Similar Description - RS85A01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8932 TI-DRV8932 Datasheet
2Mb / 40P
DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
DRV8955 TI-DRV8955 Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
DRV8935 TI-DRV8935 Datasheet
3Mb / 42P
DRV8935 Quad Half-Bridge Driver With Integrated Current Sense
DRV8144-Q1 TI-DRV8144-Q1 Datasheet
2Mb / 66P
DRV8144-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1 Datasheet
2Mb / 64P
DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8143-Q1 TI1-DRV8143-Q1 Datasheet
2Mb / 67P
DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V02 Datasheet
2Mb / 65P
DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8952 TI-DRV8952 Datasheet
2Mb / 56P
DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs
MARCH 2023
DRV8145-Q1 TI-DRV8145-Q1_V03 Datasheet
3Mb / 69P
DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8143-Q1 TI-DRV8143-Q1_V01 Datasheet
3Mb / 71P
DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com