Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1787 Datasheet (PDF) - Analog Devices

ADAU1787 Datasheet PDF - Analog Devices
Part # ADAU1787
Download  ADAU1787 Download
File Size   1858.94 Kbytes
Page   280 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four ADC, Two DAC, Low Power Codec with Audio DSPs

ADAU1787 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAU1787 Datasheet PDF - Analog Devices

Part # ADAU1787
Download  ADAU1787 Click to download

File Size   1858.94 Kbytes
Page   280 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four ADC, Two DAC, Low Power Codec with Audio DSPs

ADAU1787 Datasheet (HTML) - Analog Devices


ADAU1787 Product details

FEATURES Programmable FastDSP audio processing engine
Up to 768 kHz sample rate Biquad filters, limiters, volume controls, mixing
28-bit SigmaDSP audio processing core Visually programmable using SigmaStudio
Up to 50 MIPS performance Low latency, 24-bit ADCs and DACs 96 dB SNR (signal through PGA and ADC with A-weighted
filter) 105 dB combined SNR (signal through DAC and headphone
with A-weighted filter) Serial port fSYNC frequency from 8 kHz to 768 kHz 5 μs group delay (fS = 768 kHz) analog in to analog out with
FastDSP bypass (zero instructions)
4 single-ended analog inputs, configurable as microphone
or line inputs
8 digital microphone inputs
2 analog differential audio outputs, configurable as either
line output or headphone driver PLL supporting any input clock rate from 30 kHz to 27 MHz Full-duplex, 4-channel ASRCs 2, 16-channel serial audio ports supporting I2S, left justified,
or up to TDM16
8 interpolators and 8 decimators with flexible routing
Power supplies
Analog AVDD at 1.8 V typical
Digital I/O IOVDD at 1.1 V to 1.98 V
Digital DVDD at 0.9 V typical
Low power (11.079 mW for typical stereo ANC settings) I2C and SPI control interfaces, self boot from I2C EEPROM Flexible GPIO 42-ball, 0.35 mm pitch, 2.695 mm × 2.320 mm WLCSP APPLICATIONS
Noise cancelling handsets, headsets, and headphones
Bluetooth ANC handsets, headsets, and headphones Personal navigation devices
Digital still and video cameras Musical instrument effect processors
Multimedia speaker systems Smartphones




Similar Part No. - ADAU1787

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1787 AD-ADAU1787 Datasheet
3Mb / 280P
Four ADC, Two DAC, Low Power Codec with Audio DSPs
4/2019-Revision 0
ADAU1787BCBZRL AD-ADAU1787BCBZRL Datasheet
3Mb / 280P
Four ADC, Two DAC, Low Power Codec with Audio DSPs
4/2019-Revision 0
More results


Similar Description - ADAU1787

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC34 TI-TLV320AIC34 Datasheet
1Mb / 91P
FOUR-CHANNEL, LOW-POWER AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
24bit CODEC that has two channels of ADC and four channels of DAC
AKD4683-B AKM-AKD4683-B Datasheet
1Mb / 55P
24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
logo
Analog Devices
ADAU1372 AD-ADAU1372_15 Datasheet
1Mb / 92P
Quad ADC, Dual DAC, Low Latency, Low Power Codec
REV. 0
ADAU1777 AD-ADAU1777 Datasheet
1Mb / 108P
Four-ADC, Two-DAC, Low Power Codec with Audio Processor
REV. 0
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
Four ADC, Two DAC Low Power Codec
Rev. C
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
Four-ADC, Two-DAC, Low Power Codec
Rev. 0
logo
Realtek Semiconductor C...
ALC5651 REALTEK-ALC5651 Datasheet
1Mb / 134P
Ultra-Low Power Two-Channel Audio CODEC
logo
Analog Devices
ADAU1787 AD-ADAU1787 Datasheet
3Mb / 280P
Four ADC, Two DAC, Low Power Codec with Audio DSPs
4/2019-Revision 0
ADAU1860 AD-ADAU1860 Datasheet
2Mb / 30P
Three ADCs, One DAC, Low Power Codec with Audio DSPs
10/2021-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com