Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1800 Datasheet (PDF) - Analog Devices

LT1800 Datasheet PDF - Analog Devices
Part # LT1800
Download  LT1800 Download
File Size   1732.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp

LT1800 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1800 Datasheet PDF - Analog Devices

Part # LT1800
Download  LT1800 Click to download

File Size   1732.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp

LT1800 Datasheet (HTML) - Analog Devices


LT1800 Product details

Features
- Extreme High Temperature Operation: –40°C to 175°C
- Low Noise Voltage: 1.9nV/√Hz (100kHz)
- Low Supply Current: 3mA/Amp Max
- Gain Bandwidth Product: 100MHz
- Low Distortion: –80dB at 1MHz
- Low Offset Voltage: 500μV Max
- Wide Supply Range: 2.5V to 12.6V
- Inputs and Outputs Swing Rail-to-Rail
- Common Mode Rejection Ratio 90dB Typ
- Low Noise Current: 1.1pA/√Hz
- Output Current: 30mA Min
- 8-Pin SO Package
- Available as Dice

Applications
- Down Hole Drilling and Instrumentation
- Heavy Industrial
- Avionics
- High Temperature Environments
- Low Noise, Low Power Signal Processing
- Active Filters
- Rail-to-Rail Buffer Amplifiers
- Driving A/D Converters
- DSL Receivers
- Battery Powered/Battery Backed Equipment




Similar Part No. - LT1800

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS5 LINER-LT1800CS5 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS8 LINER-LT1800CS8 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS5 LINER-LT1800IS5 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS8 LINER-LT1800IS8 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
More results


Similar Description - LT1800

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6233 LINER-LT6233 Datasheet
727Kb / 24P
60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
LT6202 LINER-LT6202 Datasheet
591Kb / 24P
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
logo
Analog Devices
ADA4850-1 AD-ADA4850-1 Datasheet
443Kb / 16P
High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
4/05-Rev. 0 to Rev. A
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6201 LINER-LT6201_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
logo
Analog Devices
LT6203X AD-LT6203X Datasheet
124Kb / 4P
High Temperature Dual 100MHz, Rail-to-Rail Input Low Power Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com