Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14CA8 Datasheet (PDF) - Simtek Corporation

STK14CA8 Datasheet PDF - Simtek Corporation
Part # STK14CA8
Download  STK14CA8 Download
File Size   593.05 Kbytes
Page   19 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 128Kx8 Autostore nvSRAM

STK14CA8 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK14CA8 Datasheet PDF - Simtek Corporation

Part # STK14CA8
Download  STK14CA8 Click to download

File Size   593.05 Kbytes
Page   19 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description 128Kx8 Autostore nvSRAM

STK14CA8 Datasheet (HTML) - Simtek Corporation


STK14CA8 Product details

DESCRIPTION

The Simtek STK14CA8 is a fast static RAM with a nonvolatile element in each memory cell. The

embedded nonvolatile elements incorporate Simtek’s QuantumTrapTM technology producing the

world’s most reliable nonvolatile memory. The SRAM provides unlimited read and write cycles,

while independent, nonvolatile data resides in the highly reliable QuantumTrapTM cell. Data transfers from the SRAM to the nonvolatile elements (the STOREoperation) takes place  automatically at power down. On power up, data is restored to the SRAM (the RECALL operation) from the nonvolatile memory. Both the STOREand RECALL operations are also available under software control.



FEATURES

• 25ns, 35ns and 45ns Access Times

•  “Hands-off” Automatic STOREon Power Down with only a small capacitor

• STOREto QuantumTrap™ Nonvolatile Elements is Initiated by Software , device pin or AutoStore™ on Power Down

•  RECALLto SRAM Initiated by Software or Power Up

•  Unlimited READ, WRITEand RECALLCycles

•  10mA Typical ICCat 200ns Cycle Time

•  High-reliability

   o Endurance to 500K STORECycles

   o Data Retention to 20 Years

•  Single 3V +20%, -10% Operation

•  Commercial and Industrial Temperatures

•  SOIC, and SSOP Packages (RoHs Compliance)



 




Similar Part No. - STK14CA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14CA8 ETC-STK14CA8 Datasheet
220Kb / 15P
128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
528Kb / 21P
128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
128Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK14CA8-N25 ETC-STK14CA8-N25 Datasheet
220Kb / 15P
128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
STK14CA8-N25I ETC-STK14CA8-N25I Datasheet
220Kb / 15P
128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
More results


Similar Description - STK14CA8

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
128Kx8 Autostore nvSRAM With Real-Time Clock
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
32Kx8 AutoStore nvSRAM
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
128Kx8 AutoStore nvSRAM
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
32Kx8 AutoStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com