Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U635H16 Datasheet (PDF) - Simtek Corporation

U635H16 Datasheet PDF - Simtek Corporation
Part # U635H16
Download  U635H16 Download
File Size   137.19 Kbytes
Page   14 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description PowerStore 2K x 8 nvSRAM

U635H16 Datasheet (PDF)

Go To PDF Page Download Datasheet
U635H16 Datasheet PDF - Simtek Corporation

Part # U635H16
Download  U635H16 Click to download

File Size   137.19 Kbytes
Page   14 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description PowerStore 2K x 8 nvSRAM

U635H16 Datasheet (HTML) - Simtek Corporation


U635H16 Product details

Description
The U635H16 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

• High-performance CMOS nonvolatile static RAM 2048 x 8 bits
• 25, 35 and 45 ns Access Times
• 12, 20 and 25 ns Output Enable Access Times
• ICC = 15 mA at 200 ns Cycle Time
• Automatic STORE to EEPROM on Power Down using system capacitance
• Software initiated STORE (STORE Cycle Time < 10 ms)
• Automatic STORE Timing
• 106 STORE cycles to EEPROM
• 100 years data retention in EEPROM
• Automatic RECALL on Power Up
• Software RECALL Initiation (RECALL Cycle Time < 20 μs)
• Unlimited RECALL cycles from EEPROM
• Single 5 V ± 10 % Operation
• Operating temperature ranges: 0 to 70 °C -40 to 85 °C
• QS 9000 Quality Standard
• ESD protection > 2000 V (MIL STD 883C M3015.7-HBM)
• RoHS compliance and Pb- free
• Packages:PDIP24 (600 mil) SOP24 (300 mil) Features




Similar Part No. - U635H16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
More results


Similar Description - U635H16

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
POWERSTORE 32K X 8 NVSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
PowerStore 8K x 8 nvSRAM
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
PowerStore 2K x 8 nvSRAM
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
PowerStore 2K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
PowerStore 8K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
PowerStore 32K x 8 nvSRAM Die
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
PowerStore 8K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
PowerStore 32K x 8 nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com