Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U63764DK70 Datasheet (PDF) - Simtek Corporation

U63764DK70 Datasheet PDF - Simtek Corporation
Part # U63764DK70
Download  U63764DK70 Download
File Size   136.25 Kbytes
Page   14 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description CapStore 8K x 8 nvSRAM

U63764DK70 Datasheet (PDF)

Go To PDF Page Download Datasheet
U63764DK70 Datasheet PDF - Simtek Corporation

Part # U63764DK70
Download  U63764DK70 Click to download

File Size   136.25 Kbytes
Page   14 Pages
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation
Description CapStore 8K x 8 nvSRAM

U63764DK70 Datasheet (HTML) - Simtek Corporation


U63764DK70 Product details

Description
The U63764 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In non-volatile operation, data is transferred in parallel from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled.

Features
• CMOS non- volatile static RAM 8192 x 8 bits
• 70 ns Access Time
• 35 ns Output Enable Access Time
• ICC = 15 mA at 200 ns Cycle Time
• Unlimited Read and Write Cycles to SRAM
• Automatic STORE to EEPROM on Power Down using charge stored in an integrated capacitor
• Software initiated STORE
• Automatic STORE Timing
• 105 STORE cycles to EEPROM
• 10 years data retention in EEPROM
• Automatic RECALL on Power Up
• Software RECALL Initiation
• Unlimited RECALL cycles from EEPROM
• Single 5 V ± 10 % Operation
• Operating temperature range:
    0 to 70 °C
    -40 to 85 °C
• QS 9000 Quality Standard
• ESD protection > 2000 V (MIL STD 883C M3015.7)
• RoHS compliance and Pb- free
• Package: PDIP28 (600 mil)




Similar Part No. - U63764DK70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U63764DK70 ETC1-U63764DK70 Datasheet
136Kb / 14P
CapStore 8K x 8 nvSRAM
U63764DK70G1 ETC1-U63764DK70G1 Datasheet
136Kb / 14P
CapStore 8K x 8 nvSRAM
More results


Similar Description - U63764DK70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
CAPSTORE 2K X 8 NVSRAM
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
HardStore 8K x 8 nvSRAM
U637256 ETC1-U637256 Datasheet
146Kb / 14P
CapStore 32K x 8 nvSRAM
U637H256 ETC1-U637H256 Datasheet
148Kb / 14P
CapStore 32K x 8 nvSRAM
U63764 ETC1-U63764 Datasheet
136Kb / 14P
CapStore 8K x 8 nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
PowerStore 8K x 8 nvSRAM
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
PowerStore 8K x 8 nvSRAM
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
CapStore 32K x 8 nvSRAM
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
CapStore 2K x 8 nvSRAM
U637256 SIMTEK-U637256 Datasheet
253Kb / 14P
CapStore 32K x 8 nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com