Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2552C Datasheet (PDF) - NEC

2SK2552C Datasheet PDF - NEC
Part # 2SK2552C
Download  2SK2552C Download
File Size   133.62 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description JUNCTION FIELD EFFECT TRANSISTOR

2SK2552C Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2552C Datasheet PDF - NEC

Part # 2SK2552C
Download  2SK2552C Click to download

File Size   133.62 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description JUNCTION FIELD EFFECT TRANSISTOR

2SK2552C Datasheet (HTML) - NEC


2SK2552C Product details

DESCRIPTION
The 2SK2552C contains a diode and high resistivity between its gates and sources, for achieving short stability time during power-on. In addition, because of its compact package and low noise, the 2SK2552C is especially suitable for compact ECMs for audio or mobile devices such as cellphones.

FEATURES
• Low noise:
    −108.5 dB TYP. (VDD = 2.0 V, C = 5 pF, RL = 2.2 kΩ)
• Containing a diode and high resistivity, short stability time is achieved during power-on.
• Small package: SC-75 (USM)




Similar Part No. - 2SK2552C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2552C RENESAS-2SK2552C Datasheet
308Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2007
More results


Similar Description - 2SK2552C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMT3823 MOTOROLA-MMT3823 Datasheet
40Kb / 1P
JUNCTION FIELD EFFECT TRANSISTOR
logo
NEC
2SK3230C NEC-2SK3230C Datasheet
133Kb / 5P
JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SK1109 RENESAS-2SK1109 Datasheet
178Kb / 10P
JUNCTION FIELD EFFECT TRANSISTOR
2002
2SK660 RENESAS-2SK660 Datasheet
204Kb / 10P
JUNCTION FIELD EFFECT TRANSISTOR
2002
2SK2552C RENESAS-2SK2552C Datasheet
308Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2007
2SK3230 RENESAS-2SK3230 Datasheet
274Kb / 10P
JUNCTION FIELD EFFECT TRANSISTOR
2002
2SK3230B RENESAS-2SK3230B Datasheet
239Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2004
2SK3653B RENESAS-2SK3653B Datasheet
294Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2004
2SK3653C RENESAS-2SK3653C Datasheet
277Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2007
2SK852 RENESAS-2SK852 Datasheet
325Kb / 6P
JUNCTION FIELD EFFECT TRANSISTOR
1987
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com