Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHCSSRM6.24-V9A2-1-1 Datasheet (PDF) - OSRAM GmbH

GHCSSRM6.24-V9A2-1-1 Datasheet PDF - OSRAM GmbH
Part # GHCSSRM6.24-V9A2-1-1
Download  GHCSSRM6.24-V9A2-1-1 Download
File Size   1754.3 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Square Hyper Red with best value for highest PF/W.

GHCSSRM6.24-V9A2-1-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GHCSSRM6.24-V9A2-1-1 Datasheet PDF - OSRAM GmbH

Part # GHCSSRM6.24-V9A2-1-1
Download  GHCSSRM6.24-V9A2-1-1 Click to download

File Size   1754.3 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Square Hyper Red with best value for highest PF/W.

GHCSSRM6.24-V9A2-1-1 Datasheet (HTML) - OSRAM GmbH


GHCSSRM6.24-V9A2-1-1 Product details

Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 1113 mW @ 700mA; typ. 563 mW @ 350mA
- Radiant Efficiency: typ. 81% @ 700mA; typ. 86% @ 350mA
- Photon Flux: typ. 6.10 μmol/s @ 700mA; typ. 3.09 μmol/s @ 350mA
- Photon Flux Efficacy: typ 4.42 μmol/J @ 700mA; typ 4.74 μmol/J @ 350mA





Similar Part No. - GHCSSRM6.24-V9A2-1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GHCSSRM2.24-VLVN-1 OSRAM-GHCSSRM2.24-VLVN-1 Datasheet
1Mb / 22P
OSLON Square
GHCSSRM2.24-VMVO-1 OSRAM-GHCSSRM2.24-VMVO-1 Datasheet
1Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
logo
ams AG
GHCSSRML.24 AMSCO-GHCSSRML.24 Datasheet
1Mb / 22P
A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.
Version 1.0 2022-04-29
More results


Similar Description - GHCSSRM6.24-V9A2-1-1

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12GR2C HB-E12GR2C Datasheet
294Kb / 3P
Highest Flux RED
LED-S12LR2C HB-LED-S12LR2C Datasheet
177Kb / 2P
Highest Flux Red
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com