Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4505-1 Datasheet (PDF) - Analog Devices

ADA4505-1 Datasheet PDF - Analog Devices
Part # ADA4505-1
Download  ADA4505-1 Download
File Size   856.06 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers

ADA4505-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4505-1 Datasheet PDF - Analog Devices

Part # ADA4505-1
Download  ADA4505-1 Click to download

File Size   856.06 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers

ADA4505-1 Datasheet (HTML) - Analog Devices


ADA4505-1 Product details

FEATURES
PSRR: 100 dB minimum CMRR: 105 dB typical
Very low supply current: 10 μA per amplifier maximum 1.8 V to 5 V single-supply or ±0.9 V to ±2.5 V dual-supply operation
Rail-to-rail input and output 3 mV offset voltage maximum Very low input bias current: 0.5 pA typical
APPLICATIONS
Pressure and position sensors
Remote security Medical monitors
Battery-powered consumer equipment Hazard detectors




Similar Part No. - ADA4505-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-1 AD-ADA4505-1 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
ADA4505-1 AD-ADA4505-1 Datasheet
846Kb / 24P
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4505-1 AD-ADA4505-1 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
ADA4505-1ACBZ-R7 AD-ADA4505-1ACBZ-R7 Datasheet
846Kb / 24P
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4505-1ACBZ-R7 AD-ADA4505-1ACBZ-R7 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
More results


Similar Description - ADA4505-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. E
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
logo
Texas Instruments
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com