Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4938-1 Datasheet (PDF) - Analog Devices

ADA4938-1 Datasheet PDF - Analog Devices
Part # ADA4938-1
Download  ADA4938-1 Download
File Size   597.74 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Distortion Differential ADC Driver

ADA4938-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4938-1 Datasheet PDF - Analog Devices

Part # ADA4938-1
Download  ADA4938-1 Click to download

File Size   597.74 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Distortion Differential ADC Driver

ADA4938-1 Datasheet (HTML) - Analog Devices


ADA4938-1 Product details

FEATURES Extremely low harmonic distortion (HD) −106 dBc HD2 @ 10 MHz
−82 dBc HD2 @ 50 MHz −109 dBc HD3 @ 10 MHz
−82 dBc HD3 @ 50 MHz Low input voltage noise: 2.6 nV/√Hz High speed
−3 dB bandwidth of 1000 MHz, G = +1 Slew rate: 4700 V/μs 0.1 dB gain flatness to 150 MHz Fast overdrive recovery of 4 ns
1 mV typical offset voltage Externally adjustable gain Differential-to-differential or single-ended-to-differential operation
Adjustable output common-mode voltage Wide supply voltage range: +5 V to ±5 V Single or dual amplifier configuration available
APPLICATIONS
ADC drivers Single-ended-to-differential converters IF and baseband gain blocks Differential buffers Line drivers




Similar Part No. - ADA4938-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4938-1 AD-ADA4938-1 Datasheet
278Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
ADA4938-1 AD-ADA4938-1 Datasheet
298Kb / 14P
Ultra-Low Distortion Differential ADC Driver
05/07-Rev. PrC to Rev. PrD
ADA4938-1 AD-ADA4938-1 Datasheet
233Kb / 8P
Differential Amplifier Evaluation Board for Single
REV. 0
ADA4938-1ACPZ-R2 AD-ADA4938-1ACPZ-R2 Datasheet
298Kb / 14P
Ultra-Low Distortion Differential ADC Driver
05/07-Rev. PrC to Rev. PrD
ADA4938-1ACPZ-R2 AD-ADA4938-1ACPZ-R2 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
More results


Similar Description - ADA4938-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
Ultralow Distortion, Differential ADC Driver
5/07-Revision 0
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
Ultralow Distortion Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
Ultralow Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
Ultralow Distortion, Differential ADC Driver
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com