Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1745713 Datasheet (PDF) - PHOENIX CONTACT

1745713 Datasheet PDF - PHOENIX CONTACT
Part # 1745713
Download  1745713 Download
File Size   574.62 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5 HCV/11-ST-7,62 - PCB connector

1745713 Datasheet (PDF)

Go To PDF Page Download Datasheet
1745713 Datasheet PDF - PHOENIX CONTACT

Part # 1745713
Download  1745713 Click to download

File Size   574.62 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GIC 2,5 HCV/11-ST-7,62 - PCB connector

1745713 Datasheet (HTML) - PHOENIX CONTACT


1745713 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 1000 V, contact surface: Sn, contact connection type: Pin, number of potentials:
11, number of rows: 1, number of positions: 11, number of connections: 11, product range: GIC
2,5 HCV/..-ST, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking clip,
plug-in system: COMBICON MSTB 2,5 HC, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections




Similar Part No. - 1745713

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1745710000 WEIDMULLER-1745710000 Datasheet
1Mb / 23P
BL 3.50/16/180 SN OR BX PRT
More results


Similar Description - 1745713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714362 PHOENIX-1714362 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/11-ST-7,62
1828896 PHOENIX-1828896 Datasheet
140Kb / 5P
GIC 2,5/11-ST-7,62
1745632 PHOENIX-1745632 Datasheet
124Kb / 8P
Plug - GIC 2,5 HCV/ 3-ST-7,62
09/12/2020
1714294 PHOENIX-1714294 Datasheet
666Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 4-ST-7,62
Sep 8, 2022
1714304 PHOENIX-1714304 Datasheet
664Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62
Jan 10, 2023
1745629 PHOENIX-1745629 Datasheet
595Kb / 13P
PCB connector - GIC 2,5 HCV/ 2-ST-7,62
1745645 PHOENIX-1745645 Datasheet
591Kb / 13P
GIC 2,5 HCV/ 4-ST-7,62 - PCB connector
1745661 PHOENIX-1745661 Datasheet
588Kb / 13P
GIC 2,5 HCV/ 6-ST-7,62 - PCB connector
1745674 PHOENIX-1745674 Datasheet
587Kb / 13P
GIC 2,5 HCV/ 7-ST-7,62 - PCB connector
1828854 PHOENIX-1828854 Datasheet
886Kb / 17P
GIC 2,5/ 7-ST-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com