Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1875026 Datasheet (PDF) - PHOENIX CONTACT

1875026 Datasheet PDF - PHOENIX CONTACT
Part # 1875026
Download  1875026 Download
File Size   406.94 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCV 1,5/20-G1F-3,5-LR P26THR - PCB header

1875026 Datasheet (PDF)

Go To PDF Page Download Datasheet
1875026 Datasheet PDF - PHOENIX CONTACT

Part # 1875026
Download  1875026 Click to download

File Size   406.94 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCV 1,5/20-G1F-3,5-LR P26THR - PCB header

1875026 Datasheet (HTML) - PHOENIX CONTACT


1875026 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 40, number
of rows: 2, number of positions: 20, number of connections: 40, product range: DMCV 1,5/..-
G1F-THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON
DFMC 1,5, Pin connector pattern alignment: Standard, locking: Snap-in locking, mounting: Lock
& release threaded flange, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Screwable flange for superior mechanical stability
• Small component size for applications where space is at a premium




Similar Part No. - 1875026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1875000 PHOENIX-1875000 Datasheet
376Kb / 9P
DMCV 1,5/18-G1F-3,5-LR P26THR - PCB header
1875013 PHOENIX-1875013 Datasheet
407Kb / 10P
DMCV 1,5/19-G1F-3,5-LR P26THR - PCB header
More results


Similar Description - 1875026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787577 PHOENIX-1787577 Datasheet
108Kb / 4P
DMCV 1,5/20-G1F-3,5-LR P20THR
1711099 PHOENIX-1711099 Datasheet
658Kb / 12P
PCB header - DMC 1,5/ 4-G1F-3,5-LR P26THR
Jan 10, 2023
1053972 PHOENIX-1053972 Datasheet
362Kb / 10P
DMCV 1,5/ 2-G1F-3,5-LR P35 - PCB header
1053977 PHOENIX-1053977 Datasheet
361Kb / 10P
DMCV 1,5/ 6-G1F-3,5-LR P35 - PCB header
1054076 PHOENIX-1054076 Datasheet
359Kb / 10P
DMCV 1,5/15-G1F-3,5-LR P35 - PCB header
1054079 PHOENIX-1054079 Datasheet
357Kb / 10P
DMCV 1,5/18-G1F-3,5-LR P35 - PCB header
1053979 PHOENIX-1053979 Datasheet
360Kb / 10P
DMCV 1,5/ 7-G1F-3,5-LR P35 - PCB header
1054075 PHOENIX-1054075 Datasheet
359Kb / 10P
DMCV 1,5/14-G1F-3,5-LR P35 - PCB header
1054067 PHOENIX-1054067 Datasheet
351Kb / 10P
DMCV 1,5/ 9-G1F-3,5-LR P35 - PCB header
1054077 PHOENIX-1054077 Datasheet
349Kb / 10P
DMCV 1,5/16-G1F-3,5-LR P35 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com