Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR130LSFT1G Datasheet (PDF) - ON Semiconductor

MBR130LSFT1G Datasheet PDF - ON Semiconductor
Part # MBR130LSFT1G_V01
Download  MBR130LSFT1G Download
File Size   196.96 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Power Rectifier, Surface Mount 1.0 A, 30 V, SOD−123 Package

MBR130LSFT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR130LSFT1G Datasheet PDF - ON Semiconductor

Part # MBR130LSFT1G_V01
Download  MBR130LSFT1G Click to download

File Size   196.96 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Power Rectifier, Surface Mount 1.0 A, 30 V, SOD−123 Package

MBR130LSFT1G Datasheet (HTML) - ON Semiconductor


MBR130LSFT1G Product details

This device uses the Schottky Barrier principle with a large area
metal−to−silicon power diode. Ideally suited for low voltage, high
frequency rectification or as free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. This package also provides an easy to work
with alternative to leadless 34 package style. Because of its small size,
it is ideal for use in portable and battery powered products such as
cellular and cordless phones, chargers, notebook computers, printers,
PDAs and PCMCIA cards. Typical applications are AC−DC and
DC−DC converters, reverse battery protection, and “Oring” of
multiple supply voltages and any other application where performance
and size are critical.
Features
• Guardring for Stress Protection
• Low Forward Voltage
• 125°C Operating Junction Temperature
• Epoxy Meets UL 94 V−0
• Package Designed for Optimal Automated Board Assembly
• ESD Ratings: Machine Model, C
Human Body Model, 3B
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
Mechanical Characteristics
• Reel Options: MBR130LSFT1G = 3,000 per 7 in reel/8 mm tape
• Device Marking: L3L
• Polarity Designator: Cathode Band
• Weight: 11.7 mg (approximately)
• Case: Epoxy, Molded
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements




Similar Part No. - MBR130LSFT1G_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR130LSFT1G ONSEMI-MBR130LSFT1G Datasheet
59Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
logo
Analog Devices
MBR130LSFT1G AD-MBR130LSFT1G Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
ON Semiconductor
MBR130LSFT1G ONSEMI-MBR130LSFT1G Datasheet
67Kb / 5P
Surface Mount Schottky Power Rectifier
July, 2014 ??Rev. 4
More results


Similar Description - MBR130LSFT1G_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0540T1 ONSEMI-MBR0540T1 Datasheet
97Kb / 6P
Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
March, 2005 ??Rev. 5
MBR0520LT1 ONSEMI-MBR0520LT1 Datasheet
59Kb / 4P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 5
MBR0540T1_0511 ONSEMI-MBR0540T1_0511 Datasheet
69Kb / 6P
Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
November, 2005 ??Rev. 6
logo
Leshan Radio Company
LMBR160T1G LRC-LMBR160T1G Datasheet
256Kb / 3P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
logo
Foshan Blue Rocket Elec...
B5817W FOSHAN-B5817W Datasheet
1Mb / 6P
Schottky Diode in a SOD-123 Plastic Package
BAT42W FOSHAN-BAT42W Datasheet
472Kb / 5P
Schottky Diode in a SOD-123 Plastic Package
SD103AW FOSHAN-SD103AW Datasheet
642Kb / 6P
Schottky Diode in a SOD-123 Plastic Package
SD103BW FOSHAN-SD103BW Datasheet
642Kb / 6P
Schottky Diode in a SOD-123 Plastic Package
SD103CW FOSHAN-SD103CW Datasheet
642Kb / 6P
Schottky Diode in a SOD-123 Plastic Package
SS1040 FOSHAN-SS1040 Datasheet
515Kb / 6P
Schottky Diode in a SOD-123 Plastic Package
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com