Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2H100SFT3G Datasheet (PDF) - ON Semiconductor

MBR2H100SFT3G Datasheet PDF - ON Semiconductor
Part # MBR2H100SFT3G
Download  MBR2H100SFT3G Download
File Size   197.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier Plastic SOD−123FL Package

MBR2H100SFT3G Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2H100SFT3G Datasheet PDF - ON Semiconductor

Part # MBR2H100SFT3G
Download  MBR2H100SFT3G Click to download

File Size   197.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier Plastic SOD−123FL Package

MBR2H100SFT3G Datasheet (HTML) - ON Semiconductor


MBR2H100SFT3G Product details

This device uses the Schottky Barrier principle with a large area
metal−to−silicon power diode. Ideally suited for low voltage, high
frequency rectification or as free wheeling and polarity protection
diodes in surface mount applications where compact size and weight
are critical to the system. Because of its small size, it is ideal for use in
portable and battery powered products such as cellular and cordless
phones, chargers, notebook computers, printers, PDAs and PCMCIA
cards. Typical applications are AC−DC and DC−DC converters,
reverse battery protection, and “Oring” of multiple supply voltages
and any other application where performance and size are critical.
Features
 Guardring for Stress Protection
 Low Forward Voltage
 175C Operating Junction Temperature
 Epoxy Meets UL 94 V−0
 Package Designed for Optimal Automated Board Assembly
 ESD Ratings: Machine Model, C
Human Body Model, 3B
 NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
 These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics
 Reel Options: MBR2H100SFT3G = 10,000 per 13 in reel/8 mm tape
 Device Marking: L2H
 Polarity Designator: Cathode Band
 Weight: 11.7 mg (approximately)
 Case: Epoxy, Molded
 Lead Finish: 100% Matte Sn (Tin)
 Lead and Mounting Surface Temperature for Soldering Purposes:
260C Max. for 10 Seconds
 Device Meets MSL 1 Requirements




Similar Part No. - MBR2H100SFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2H100SFT3G ONSEMI-MBR2H100SFT3G Datasheet
126Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2014 ??Rev. 2
MBR2H100SFT3G ONSEMI-MBR2H100SFT3G Datasheet
134Kb / 5P
Surface Mount Schottky Power Rectifier
April, 2012 ??Rev. 1
MBR2H100SFT3G ONSEMI-MBR2H100SFT3G Datasheet
66Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2014 ??Rev. 2
logo
TECH PUBLIC Electronics...
MBR2H100SFT3G-TP TECHPUBLIC-MBR2H100SFT3G-TP Datasheet
601Kb / 2P
Surface Monut Schottky Barrier Rectifier
logo
ON Semiconductor
MBR2H100SFT3G ONSEMI-MBR2H100SFT3G_12 Datasheet
134Kb / 5P
Surface Mount Schottky Power Rectifier
April, 2012 ??Rev. 1
More results


Similar Description - MBR2H100SFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0540T1 ONSEMI-MBR0540T1 Datasheet
97Kb / 6P
Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
March, 2005 ??Rev. 5
MBR130LSFT1 ONSEMI-MBR130LSFT1 Datasheet
58Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
January, 2005 ??Rev. 1
MBR0520LT1 ONSEMI-MBR0520LT1 Datasheet
59Kb / 4P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 5
MBR0530T1 ONSEMI-MBR0530T1 Datasheet
59Kb / 4P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 4
MBR0540T1_0511 ONSEMI-MBR0540T1_0511 Datasheet
69Kb / 6P
Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
November, 2005 ??Rev. 6
logo
Leshan Radio Company
LMBR140T1G LRC-LMBR140T1G Datasheet
261Kb / 4P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
LMBR160T1G LRC-LMBR160T1G Datasheet
256Kb / 3P
Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
logo
Yea Shin Technology Co....
MMSZ2V4B YEASHIN-MMSZ2V4B Datasheet
998Kb / 4P
500mW SOD-123FL SURFACE MOUNT
logo
Jiangsu High diode Semi...
CRS01 HDSEMI-CRS01 Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Diodes
DSS22-F HDSEMI-DSS22-F Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Diodes
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com