Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1796733 Datasheet (PDF) - PHOENIX CONTACT

1796733 Datasheet PDF - PHOENIX CONTACT
Part # 1796733
Download  1796733 Download
File Size   274.22 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBV 2,5/ 9-GF-7,62 EX - PCB header

1796733 Datasheet (PDF)

Go To PDF Page Download Datasheet
1796733 Datasheet PDF - PHOENIX CONTACT

Part # 1796733
Download  1796733 Click to download

File Size   274.22 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBV 2,5/ 9-GF-7,62 EX - PCB header

1796733 Datasheet (HTML) - PHOENIX CONTACT


1796733 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Sn, contact connection type: Pin, number of potentials: 9, number of rows: 1, number of
positions: 9, number of connections: 9, product range: GMSTBV 2,5/..-GF-EX, pitch: 7.62 mm,
mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm, number of solder
pins per potential: 1, plug-in system: COMBICON MSTB 2,5 EX, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Larger pitch for increased voltage requirements
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1796733

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1796704 PHOENIX-1796704 Datasheet
285Kb / 9P
GMSTBV 2,5/ 6-GF-7,62 EX - PCB header
1796717 PHOENIX-1796717 Datasheet
273Kb / 10P
GMSTBV 2,5/ 7-GF-7,62 EX - PCB header
1796720 PHOENIX-1796720 Datasheet
96Kb / 5P
Printed-circuit board connector - GMSTBV 2,5/ 8-GF-7,62 EX
1796746 PHOENIX-1796746 Datasheet
96Kb / 5P
Printed-circuit board connector - GMSTBV 2,5/10-GF-7,62 EX
1796759 PHOENIX-1796759 Datasheet
96Kb / 5P
Printed-circuit board connector - GMSTBV 2,5/11-GF-7,62 EX
More results


Similar Description - 1796733

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1829183 PHOENIX-1829183 Datasheet
205Kb / 11P
Feed-through header - GMSTBV 2,5/ 5-GF-7,62
1829219 PHOENIX-1829219 Datasheet
205Kb / 11P
Feed-through header - GMSTBV 2,5/ 8-GF-7,62
1829235 PHOENIX-1829235 Datasheet
205Kb / 11P
Feed-through header - GMSTBV 2,5/10-GF-7,62
1796746 PHOENIX-1796746 Datasheet
96Kb / 5P
Printed-circuit board connector - GMSTBV 2,5/10-GF-7,62 EX
1829222 PHOENIX-1829222 Datasheet
88Kb / 5P
Base strip - GMSTBV 2,5/ 9-GF-7,62
1796678 PHOENIX-1796678 Datasheet
96Kb / 5P
Printed-circuit board connector - GMSTBV 2,5/ 3-GF-7,62 EX
1796720 PHOENIX-1796720 Datasheet
96Kb / 5P
Printed-circuit board connector - GMSTBV 2,5/ 8-GF-7,62 EX
1796759 PHOENIX-1796759 Datasheet
96Kb / 5P
Printed-circuit board connector - GMSTBV 2,5/11-GF-7,62 EX
1829196 PHOENIX-1829196 Datasheet
154Kb / 5P
GMSTBV 2,5/ 6-GF-7,62
1829170 PHOENIX-1829170 Datasheet
919Kb / 15P
PCB header - GMSTBV 2,5/ 4-GF-7,62
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com