Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1400827 Datasheet (PDF) - PHOENIX CONTACT

1400827 Datasheet PDF - PHOENIX CONTACT
Part # 1400827
Download  1400827 Download
File Size   391.05 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 1,5-PUR/A-1L-R-ES 4A - Sensor/actuator cable

1400827 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400827 Datasheet PDF - PHOENIX CONTACT

Part # 1400827
Download  1400827 Click to download

File Size   391.05 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 1,5-PUR/A-1L-R-ES 4A - Sensor/actuator cable

1400827 Datasheet (HTML) - PHOENIX CONTACT


1400827 Product details

Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, free cable end, on
Valve connector A, with 1 LED, Wiring: Freewheeling diode with holding current limiting device,
cable length: 1.5 m, with holding current limiting device for energy reduction




Similar Part No. - 1400827

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
14008 FESTO-14008 Datasheet
101Kb / 2P
Air solenoid valve
logo
STEGO Elektrotechnik Gm...
14008.0-00 STEGO-14008.0-00 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
logo
PHOENIX CONTACT
1400801 PHOENIX-1400801 Datasheet
44Kb / 2P
SAC-3P-10,0-PUR/B-1L-Z 180
1400814 PHOENIX-1400814 Datasheet
105Kb / 7P
Sensor/Actuator cable - SAC-3P-5,0-PUR/C
1400836 PHOENIX-1400836 Datasheet
407Kb / 10P
VS-IP67-IP20-94F-LI/6,5 - Network cable
More results


Similar Description - 1400827

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400588 PHOENIX-1400588 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P-3,0-PUR/A-1L-R
1400589 PHOENIX-1400589 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P-1,5-PUR/A-1L-R
1400798 PHOENIX-1400798 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/A-1L-R
1400799 PHOENIX-1400799 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/A-1L-R
1402985 PHOENIX-1402985 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/A-1L-V 230V
1415916 PHOENIX-1415916 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-1,5-PVC/A-1L-R
1434989 PHOENIX-1434989 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/A-1L-Z
1435234 PHOENIX-1435234 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/BI-1L-Z
1443103 PHOENIX-1443103 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/A-1L-V
1443226 PHOENIX-1443226 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/C-1L-V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com