Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT7603 Datasheet (PDF) - List of Unclassifed Manufacturers

NT7603 Datasheet PDF - List of Unclassifed Manufacturers
Part # NT7603
Download  NT7603 Download
File Size   882.7 Kbytes
Page   25 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single-Chip 16Cx2L Dot-Matrix LCD Controller / Driver

NT7603 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT7603 Datasheet PDF - List of Unclassifed Manufacturers

Part # NT7603
Download  NT7603 Click to download

File Size   882.7 Kbytes
Page   25 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Single-Chip 16Cx2L Dot-Matrix LCD Controller / Driver

NT7603 Datasheet (HTML) - List of Unclassifed Manufacturers


NT7603 Product details

[Novatek]



General Description

The NT7603 is a dot matrix LCD controller and driver LSI that can operate with either a 4-bit or an 8-bit microprocessor (MPU). NT7603 receives control character codes from the MPU, stores them in an internal RAM (up to 80 characters), transforms each character code into a 5 X 7, 5 X 8, or 5 X 10 dot matrix character pattern, and then displays the codes on the LCD panel. The built-in Character Generator ROM consists of 256 different character patterns.



Features

■ Internal LCD drivers

   16 common signal drivers

   80 segment signal drivers

■ Maximum display dimensions

   16 characters * 2 lines or

   32 characters * 1 line

■ Interfaces with 4-bit or 8-bit MPU

■ Versatile display functions provided on chip:

   Display Clear, Cursor Home, Display ON/OFF, Cursor ON/OFF, Character Blinking, Cursor Shift, and Display Shift

■ Three duty factors, selected by PROGRAM: 1/8, 1/11, and 1/16

■ Displays Data RAM (DD RAM): 80 X 8 bits

   (Displays up to 80 characters)

■ Character Generator RAM (CG RAM):

   64 X 8 bits for general data,

   8 5 X 8 programmable dot patterns, or

   4 5 X 10 programmable dot patterns

■ Low voltage reset

■ ITO option for A-type and B-type LCD waveform

■ Character Generator ROM (CG ROM):

   2 kinds of CG ROM sizes:

      192 characters:

         160 5 X 8 dot patterns

         32 5 X 10 dot patterns

      240 characters:

         192 5 X 8 dot patterns

         48 5 X 10 dot patterns

   Custom CG ROM is also available

■ Built-in power-on reset function

■ Logic power supply: single +5V supply

■ LCD driver power supply: V1~V5 (VDD+0.3 - VDD-7.0) , divided by Built-in LCD power division resister.

■ Two oscillator operations (Freq. = 500KHz - 540KHz):

   • Built-in RC oscillation

   • External clock

■ CMOS Process

■ Available in COG FORM



 




Similar Part No. - NT7603

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
NT76 DBLECTRO-NT76 Datasheet
538Kb / 2P
Switching capacity up to 16A
logo
HuaXinAn Electronics CO...
NT76A HUAXINAN-NT76A Datasheet
524Kb / 1P
Super light in weight
logo
DB Lectro Inc
NT76ADC12VC0.2 DBLECTRO-NT76ADC12VC0.2 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
NT76ADC12VC0.25 DBLECTRO-NT76ADC12VC0.25 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
More results


Similar Description - NT7603

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com