Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4622-4ARZ Datasheet (PDF) - Analog Devices

ADA4622-4ARZ Datasheet PDF - Analog Devices
Part # ADA4622-4ARZ
Download  ADA4622-4ARZ Download
File Size   3491.82 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, 8 MHz, Low Bias Current, Single Supply, RRO, Precision Op Amp

ADA4622-4ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4622-4ARZ Datasheet PDF - Analog Devices

Part # ADA4622-4ARZ
Download  ADA4622-4ARZ Click to download

File Size   3491.82 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 V, 8 MHz, Low Bias Current, Single Supply, RRO, Precision Op Amp

ADA4622-4ARZ Datasheet (HTML) - Analog Devices


ADA4622-4ARZ Product details

FEATURES
► Next generation of the AD820/AD822/AD824
► Wide gain bandwidth product: 8 MHz typical
► High slew rate
► 23 V/μs typical (low to high)
► −18 V/μs typical (high to low)
► Low input bias current: ±10 pA maximum at TA = 25°C
► Low offset voltage
► A grade: ±0.8 mV maximum at TA = 25°C
► B grade: ±0.35 mV maximum at TA = 25°C
► Low offset voltage drift
► A grade: ±4 μV/°C maximum
► B grade: ±2 μV/°C maximum (ADA4622-2 only)
► B grade: ±1 μV/°C maximum (ADA4622-1 only)
► Input voltage range includes Pin V−
► Rail-to-rail output
► Electromagnetic interference rejection ratio (EMIRR)
► 90 dB typical at f = 1000 MHz and f = 2400 MHz
► Industry-standard package and pinouts
APPLICATIONS
► High output impedance sensor interfaces
► Photodiode sensor interfaces
► Transimpedance amplifiers
► ADC drivers
► Precision filters and signal conditioning




Similar Part No. - ADA4622-4ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4622-4ARZ AD-ADA4622-4ARZ Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
ADA4622-4ARZ-R7 AD-ADA4622-4ARZ-R7 Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
ADA4622-4ARZ-RL AD-ADA4622-4ARZ-RL Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results


Similar Description - ADA4622-4ARZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
Precision, Single Supply Op Amp
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
Low Input Bias Current Op Amp
logo
Analog Devices
ADA4622-2 AD-ADA4622-2 Datasheet
1Mb / 28P
30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
REV. 0
ADA4622-1 AD-ADA4622-1 Datasheet
1Mb / 34P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. B
ADA4625-1 AD-ADA4625-1 Datasheet
1Mb / 30P
Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
Oct-2017
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
logo
Analog Devices
ADA4622-1 AD-ADA4622-1_V01 Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com