Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2067HDDPBF Datasheet (PDF) - Analog Devices

LTC2067HDDPBF Datasheet PDF - Analog Devices
Part # LTC2067HDDPBF
Download  LTC2067HDDPBF Download
File Size   4909.87 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10μA Supply Current, Low IB, Zero-Drift Operational Amplifier

LTC2067HDDPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2067HDDPBF Datasheet PDF - Analog Devices

Part # LTC2067HDDPBF
Download  LTC2067HDDPBF Click to download

File Size   4909.87 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10μA Supply Current, Low IB, Zero-Drift Operational Amplifier

LTC2067HDDPBF Datasheet (HTML) - Analog Devices


LTC2067HDDPBF Product details

FEATURES
APPLICATIONS
n Low Supply Current: 10μA Maximum (per Amplifier)
n Offset Voltage: 5μV Maximum
n Offset Voltage Drift: 0.02μV/°C Maximum
n Input Bias Current:
n 5pA Typical
n 50pA Maximum, –40°C to 85°C
n 150pA Maximum, –40°C to 125°C
n Integrated EMI Filter (90dB Rejection at 1.8GHz)
n Shutdown Current: 170nA Maximum (per Amplifier)
n Rail-to-Rail Input and Output
n 1.7V to 5.25V Operating Supply Range
n AVOL: 140dB Typical
n Low-Charge Power-Up for Duty Cycled Applications
n Specified Temperature Ranges:
n –40°C to 85°C
n –40°C to 125°C
n SC70, TSOT23, MS8, DFN10, TSSOP14 and
QFN16 Packages
n Signal Conditioning in Wireless Mesh Networks
n Portable Instrumentation Systems
n Low-Power Sensor Conditioning
n Gas Detection
n Temperature Measurement
n Medical Instrumentation
n Energy Harvesting Applications
n Low Power Current Sensing




Similar Part No. - LTC2067HDDPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2067 AD-LTC2067 Datasheet
2Mb / 32P
2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
Rev. C
More results


Similar Description - LTC2067HDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
logo
Analog Devices
LTC2063 AD-LTC2063 Datasheet
2Mb / 24P
2關A Supply Current, Low IB, Zero-Drift Operational Amplifier
LTC2066 AD-LTC2066 Datasheet
3Mb / 24P
10關A Supply Current Low IB, Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com