Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16CR74 Datasheet (PDF) - Microchip Technology

PIC16CR74 Datasheet PDF - Microchip Technology
Part # PIC16CR74
Download  PIC16CR74 Download
File Size   3121.84 Kbytes
Page   172 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40-Pin, 8-Bit CMOS ROM Microcontrollers

PIC16CR74 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16CR74 Datasheet PDF - Microchip Technology

Part # PIC16CR74
Download  PIC16CR74 Click to download

File Size   3121.84 Kbytes
Page   172 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40-Pin, 8-Bit CMOS ROM Microcontrollers

PIC16CR74 Datasheet (HTML) - Microchip Technology


PIC16CR74 Product details

28/40-Pin, 8-Bit CMOS ROM Microcontrollers

High-Performance RISC CPU:
• High-performance RISC CPU
• Only 35 single-word instructions to learn
• All single-cycle instructions except for program branches which are two-cycle
• Operating speed: DC – 20 MHz clock input
                               DC – 200 ns instruction cycle
• Up to 8K x 14 words of ROM Program Memory, Up to 368 x 8 bytes of Data Memory (RAM)
• Function compatible to the PIC16F73/74/76/77
• Pinout compatible to the PIC16F873/874/876/877
• Interrupt capability (up to 12 sources)
• Eight-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
• Processor read access to program memory

Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Power-Saving Sleep mode
• Selectable oscillator options

Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler, can be incremented during Sleep via external crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler
• Two Capture, Compare, PWM modules:
    - Capture is 16-bit, max. resolution is 12.5 ns
    - Compare is 16-bit, max. resolution is 200 ns
    - PWM max. resolution is 10-bit
• 8-bit, up to 8-channel Analog-to-Digital converter
• Synchronous Serial Port (SSP) with SPI (Master mode) and I2C™ (Slave)
• Universal Synchronous Asynchronous Receiver Transmitter (USART/SCI)
• Parallel Slave Port (PSP), 8-bits wide with external RD, WR and CS controls (40/44-pin only)
• Brown-out detection circuitry for Brown-out Reset (BOR)

CMOS Technology:
• Low-power, high-speed CMOS ROM technology
• Fully static design
• Wide operating voltage range: 2.0V to 5.5V
• High Sink/Source Current: 25 mA
• Industrial temperature range
• Low power consumption:
    - < 2 mA typical @ 5V, 4 MHz – TBD
    - 20 μA typical @ 3V, 32 kHz – TBD
    - < 1 μA typical standby current – TBD




Similar Part No. - PIC16CR74

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CR72 MICROCHIP-PIC16CR72 Datasheet
1Mb / 124P
8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16CR72 MICROCHIP-PIC16CR72 Datasheet
1Mb / 128P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16CR72-02/JW MICROCHIP-PIC16CR72-02/JW Datasheet
1Mb / 124P
8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16CR72-02/SO MICROCHIP-PIC16CR72-02/SO Datasheet
1Mb / 124P
8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16CR72-02/SP MICROCHIP-PIC16CR72-02/SP Datasheet
1Mb / 124P
8-Bit CMOS Microcontrollers with A/D Converter
1998
More results


Similar Description - PIC16CR74

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C63A MICROCHIP-PIC16C63A Datasheet
1Mb / 184P
28/40-Pin 8-Bit CMOS Microcontrollers
2000
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
PIC16CR7X MICROCHIP-PIC16CR7X Datasheet
3Mb / 172P
28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com