Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1045T4G Datasheet (PDF) - ON Semiconductor

MBRB1045T4G Datasheet PDF - ON Semiconductor
Part # MBRB1045T4G
Download  MBRB1045T4G Download
File Size   268.7 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Power Rectifier, Switch-Mode, 10 A, 45 V

MBRB1045T4G Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB1045T4G Datasheet PDF - ON Semiconductor

Part # MBRB1045T4G
Download  MBRB1045T4G Click to download

File Size   268.7 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Power Rectifier, Switch-Mode, 10 A, 45 V

MBRB1045T4G Datasheet (HTML) - ON Semiconductor


MBRB1045T4G Product details

This series of Power Rectifiers employs the Schottky Barrier
principle in a large metal−to−silicon power diode. State−of−the−art
geometry features epitaxial construction with oxide passivation and
metal overlay contact. Ideally suited for use in low voltage, high
frequency switching power supplies, free wheeling diodes, and
polarity protection diodes.
Features
• Guardring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Short Heat Sink Tab Manufactured − Not Sheared!
• SBRB and SBRD8 Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
• Weight: 1.7 grams for D2PAK (approximately)
0.4 grams for DPAK (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Device Meets MSL1 Requirements
• ESD Ratings:
♦ Machine Model = C (> 400 V)
♦ Human Body Model = 3B (> 8000 V)




Similar Part No. - MBRB1045T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB1045T4G ONSEMI-MBRB1045T4G Datasheet
83Kb / 6P
SWITCHMODE Schottky Power Rectifier Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB1045T4G ONSEMI-MBRB1045T4G Datasheet
112Kb / 6P
SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 7
MBRB1045T4G ONSEMI-MBRB1045T4G Datasheet
165Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 8
MBRB1045T4G ONSEMI-MBRB1045T4G Datasheet
79Kb / 6P
Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9
More results


Similar Description - MBRB1045T4G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
logo
ON Semiconductor
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
logo
NXP Semiconductors
PMEG045V100EPD PHILIPS-PMEG045V100EPD_15 Datasheet
232Kb / 15P
45 V, 10 A low VF MEGA Schottky barrier rectifier
4 December 2014
logo
ON Semiconductor
FSV1045V ONSEMI-FSV1045V Datasheet
196Kb / 6P
Schottky Rectifier, Ultra-Low VF, 10 A, 45 V
April, 2020 ??Rev. 1
MBRD1035CTL ONSEMI-MBRD1035CTL_V01 Datasheet
231Kb / 7P
Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
logo
STMicroelectronics
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
logo
Nexperia B.V. All right...
PMEG045V100EIPE-Q NEXPERIA-PMEG045V100EIPE-Q Datasheet
259Kb / 11P
45 V, 10 A low VF Schottky barrier rectifier
20 July 2022
PMEG045V100EPE-Q NEXPERIA-PMEG045V100EPE-Q Datasheet
265Kb / 11P
45 V, 10 A low VF Schottky barrier rectifier
15 July 2022
PMEG045V100EIPE NEXPERIA-PMEG045V100EIPE Datasheet
260Kb / 11P
45 V, 10 A low VF Schottky barrier rectifier
20 July 2022
PMEG045V100EPE NEXPERIA-PMEG045V100EPE Datasheet
265Kb / 11P
45 V, 10 A low VF Schottky barrier rectifier
18 July 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com