Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20H150CTG Datasheet (PDF) - ON Semiconductor

MBRF20H150CTG Datasheet PDF - ON Semiconductor
Part # MBRF20H150CTG
Download  MBRF20H150CTG Download
File Size   304.15 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier 150 V, 20 A

MBRF20H150CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF20H150CTG Datasheet PDF - ON Semiconductor

Part # MBRF20H150CTG
Download  MBRF20H150CTG Click to download

File Size   304.15 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-mode Power Rectifier 150 V, 20 A

MBRF20H150CTG Datasheet (HTML) - ON Semiconductor


MBRF20H150CTG Product details

Features and Benefits
• Low Forward Voltage
• Low Power Loss/High Efficiency
• High Surge Capability
• 20 A Total (10 A Per Diode Leg)
• Guard−Ring for Stress Protection
• These Devices are Pb−Free and are RoHS Compliant
Applications
• Power Supply − Output Rectification
• Power Management
• Instrumentation
Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Weight (Approximately): 1.9 Grams (TO−220 & TO−220FP)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds




Similar Part No. - MBRF20H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
76Kb / 7P
Switch-mode Power Rectifier
July, 2016 ??Rev. 4
MBRF20H150CTG ONSEMI-MBRF20H150CTG_16 Datasheet
76Kb / 7P
Switch-mode Power Rectifier
July, 2016 ??Rev. 4
More results


Similar Description - MBRF20H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
92Kb / 6P
SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
logo
NXP Semiconductors
BYV32E-150 NXP-BYV32E-150 Datasheet
143Kb / 9P
Dual rugged ultrafast rectifier diode, 20 A, 150 V
Rev. 04-2 March 2009
logo
ON Semiconductor
MBRF10H150CTG ONSEMI-MBRF10H150CTG Datasheet
100Kb / 5P
SWITCHMODE??Power Rectifier 150 V, 10 A
April, 2008 ??Rev. 1
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
logo
WeEn Semiconductors
BYV32E-150 WEEN-BYV32E-150 Datasheet
385Kb / 11P
Dual rugged ultrafast rectifier diode, 20 A, 150 V
logo
STMicroelectronics
STPS3150 STMICROELECTRONICS-STPS3150_V01 Datasheet
392Kb / 16P
150 V, 3 A power Schottky rectifier
October 2019
logo
ON Semiconductor
MBRD1035CTL ONSEMI-MBRD1035CTL_V01 Datasheet
231Kb / 7P
Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
logo
STMicroelectronics
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS40150C-Y STMICROELECTRONICS-STPS40150C-Y Datasheet
233Kb / 9P
Automotive 150 V, 2 x 20 A high voltage power Schottky rectifier
December 2018 Rev 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com