Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRA2H100T3G Datasheet (PDF) - ON Semiconductor

MBRA2H100T3G Datasheet PDF - ON Semiconductor
Part # MBRA2H100T3G
Download  MBRA2H100T3G Download
File Size   204.63 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package

MBRA2H100T3G Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRA2H100T3G Datasheet PDF - ON Semiconductor

Part # MBRA2H100T3G
Download  MBRA2H100T3G Click to download

File Size   204.63 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package

MBRA2H100T3G Datasheet (HTML) - ON Semiconductor


MBRA2H100T3G Product details

This device employs the Schottky Barrier principle in a
metal−to−silicon power rectifier. Features epitaxial construction with
oxide passivation and metal overlay contact. Ideally suited for low
voltage, high frequency switching power supplies; free wheeling
diodes and polarity protection diodes.
Features
• Compact Package with J−Bend Leads Ideal for Automated Handling
• Highly Stable Oxide Passivated Junction
• Guard−Ring for Overvoltage Protection
• Low Forward Voltage Drop
• NBR and NRVB Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable*
Mechanical Characteristics
• Case: Molded Epoxy
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Weight: 70 mg (SMA), 95 mg (SMB) (Approximately)
• Cathode Polarity Band
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• ESD Ratings:
♦ Charged Device Model > 1000 V (Class C5)
♦ Human Body Model = 3B
• These Devices are Pb−Free and are RoHS Compliant
• Device Meets MSL1 Requirements




Similar Part No. - MBRA2H100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA2H100T3G ONSEMI-MBRA2H100T3G Datasheet
141Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
March, 2009 ??Rev. 5
MBRA2H100T3G ONSEMI-MBRA2H100T3G Datasheet
120Kb / 7P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
December, 2012 ??Rev. 8
MBRA2H100T3G ONSEMI-MBRA2H100T3G Datasheet
245Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
January, 2022 - Rev. 14
More results


Similar Description - MBRA2H100T3G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRS2040LT3 MOTOROLA-MBRS2040LT3 Datasheet
134Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
MBRS240LT3 MOTOROLA-MBRS240LT3 Datasheet
121Kb / 4P
Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
logo
ON Semiconductor
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRS1540T3 ONSEMI-MBRS1540T3 Datasheet
70Kb / 5P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2005 ??Rev. 3
MBRS2H100T3G ONSEMI-MBRS2H100T3G_09 Datasheet
141Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
March, 2009 ??Rev. 5
NRVBA2H100T3G ONSEMI-NRVBA2H100T3G Datasheet
120Kb / 7P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
December, 2012 ??Rev. 8
MBRA1H100 ONSEMI-MBRA1H100 Datasheet
251Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 ??Rev. 4
SS22T3G ONSEMI-SS22T3G_V01 Datasheet
201Kb / 6P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
March, 2020 - Rev. 8
MBRS2040LT3G ONSEMI-MBRS2040LT3G Datasheet
307Kb / 6P
Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
December, 2019 - Rev. 6
MBRS2H100T3G ONSEMI-MBRS2H100T3G_V01 Datasheet
245Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
January, 2022 - Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com