Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1818258 Datasheet (PDF) - PHOENIX CONTACT

1818258 Datasheet PDF - PHOENIX CONTACT
Part # 1818258
Download  1818258 Download
File Size   700.11 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 9-GF-3,81-LR - PCB header

1818258 Datasheet (PDF)

Go To PDF Page Download Datasheet
1818258 Datasheet PDF - PHOENIX CONTACT

Part # 1818258
Download  1818258 Click to download

File Size   700.11 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 9-GF-3,81-LR - PCB header

1818258 Datasheet (HTML) - PHOENIX CONTACT


1818258 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 9, number
of rows: 1, number of positions: 9, number of connections: 9, product range: MCV 1,5/..-GF-LR,
pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Snap-in locking, mounting: Lock & release threaded flange,
type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1818258

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1818203 PHOENIX-1818203 Datasheet
701Kb / 13P
MCV 1,5/ 4-GF-3,81-LR - PCB header
1818216 PHOENIX-1818216 Datasheet
94Kb / 4P
Base strip - MCV 1,5/ 5-GF-3,81-LR
1818229 PHOENIX-1818229 Datasheet
701Kb / 13P
MCV 1,5/ 6-GF-3,81-LR - PCB header
1818232 PHOENIX-1818232 Datasheet
666Kb / 11P
MCV 1,5/ 7-GF-3,81-LR - PCB header
1818245 PHOENIX-1818245 Datasheet
700Kb / 13P
MCV 1,5/ 8-GF-3,81-LR - PCB header
More results


Similar Description - 1818258

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830729 PHOENIX-1830729 Datasheet
145Kb / 5P
MCV 1,5/15-GF-3,81
1707285 PHOENIX-1707285 Datasheet
79Kb / 4P
Housing - MCV 1,5/ 9-GF-3,81 P14 THR
1713415 PHOENIX-1713415 Datasheet
117Kb / 4P
Housing - MCV 1,5/ 9-GF-3,81 P26 THRR72
1818067 PHOENIX-1818067 Datasheet
107Kb / 5P
Base strip - MCV 1,5/ 9-GF-3,5-LR
1818216 PHOENIX-1818216 Datasheet
94Kb / 4P
Base strip - MCV 1,5/ 5-GF-3,81-LR
1818180 PHOENIX-1818180 Datasheet
161Kb / 8P
Feed-through header - MCV 1,5/ 2-GF-3,81-LR
09/11/2020
1830622 PHOENIX-1830622 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 5-GF-3,81
Jul 20, 2022
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1843295 PHOENIX-1843295 Datasheet
473Kb / 12P
PCB header - MCV 1,5/ 9-GF-3,5
1818054 PHOENIX-1818054 Datasheet
519Kb / 12P
MCV 1,5/ 8-GF-3,5-LR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com