Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33926 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33926 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33926
Download  MC33926 Download
File Size   778.12 Kbytes
Page   25 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A Throttle Control H-Bridge

MC33926 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33926 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33926
Download  MC33926 Click to download

File Size   778.12 Kbytes
Page   25 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A Throttle Control H-Bridge

MC33926 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33926 Product details

The 33926 is a monolithic H-Bridge Power IC designed primarily for automotive electronic throttle control, but is applicable to any low-voltage DC servo motor control application within the current and voltage limits stated in this specification.

Features
• 5.0 to 28 V continuous operation (transient operation from 5.0 to 40 V)
• 225 mΩ maximum RDS(ON) @ 150°C (each H-Bridge MOSFET)
• 3.0 V and 5.0 V TTL / CMOS logic compatible inputs
• Over-current limiting (Regulation) via an internal constant-off-time PWM
• Output short-circuit protection (short to VPWR or ground)
• Temperature-dependent current-limit threshold reduction
• All Inputs have an internal source/sink to define the default (floating input) states
• Sleep mode with current draw < 50 µA (with inputs floating or set to match default logic states)
• Pb-free packaging designated by suffix code PNB




Similar Part No. - MC33926

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
759Kb / 25P
5.0 A Throttle Control H-Bridge
logo
NXP Semiconductors
MC33926PNB NXP-MC33926PNB Datasheet
284Kb / 2P
Motor Driver Product Selector
2015-2016
logo
Freescale Semiconductor...
MC33926PNB/R2 FREESCALE-MC33926PNB/R2 Datasheet
759Kb / 25P
5.0 A Throttle Control H-Bridge
More results


Similar Description - MC33926

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
5.0 A H BRIDGE
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
5.0 A Throttle Control H-Bridge
33926 FREESCALE-33926_09 Datasheet
759Kb / 25P
5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
33932 FREESCALE-33932 Datasheet
1Mb / 21P
5.0 A Throttle Control H-Bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
5.0 A Throttle Control H-bridge
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
5.0 A H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
5.0 A Throttle Control H-Bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com