Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M0G3105QDGS20Q1 Datasheet (PDF) - Texas Instruments

M0G3105QDGS20Q1 Datasheet PDF - Texas Instruments
Part # M0G3105QDGS20Q1
Download  M0G3105QDGS20Q1 Download
File Size   2661.06 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description MSPM0G310x-Q1 Automotive Mixed-Signal Microcontrollers With CAN-FD Interface

M0G3105QDGS20Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M0G3105QDGS20Q1 Datasheet PDF - Texas Instruments

Part # M0G3105QDGS20Q1
Download  M0G3105QDGS20Q1 Click to download

File Size   2661.06 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description MSPM0G310x-Q1 Automotive Mixed-Signal Microcontrollers With CAN-FD Interface

M0G3105QDGS20Q1 Datasheet (HTML) - Texas Instruments


M0G3105QDGS20Q1 Product details

1 Features
• Core
– Arm® 32-bit Cortex®-M0+ CPU with memory
protection unit, frequency up to 80MHz
• Functional Safety Quality-Managed
– Functional Safety Manual and FMEDA
available to aid in functional safety system
design
• Operating characteristics
– Extended temperature: –40°C up to 125°C
– Wide supply voltage range: 1.62V to 3.6V
• Memories
– Up to 128KB of flash memory with built-in error
correction code (ECC)
– Up to 32KB of SRAM with hardware parity
• High-performance analog peripherals
– Two simultaneous sampling 12-bit 4Msps
analog-to-digital converters (ADCs) with up to
17 external channels
• 14-bit effective resolution at 250ksps with
hardware averaging
– One general-purpose amplifier (GPAMP)
– Configurable 1.4V or 2.5V internal shared
voltage reference (VREF)
– Integrated temperature sensor
– Integrated supply monitor
• Optimized low-power modes
– RUN: 101μA/MHz (CoreMark)
– SLEEP: 487μA at 4MHz
– STOP: 47μA at 32kHz
– STANDBY: 1.5μA with RTC and SRAM
retention
– SHUTDOWN: 80nA with IO wakeup capability
• Intelligent digital peripherals
– 7-channel DMA controller
– Two 16-bit advanced control timers support
dead band insertion and fault handling
– Seven timers supporting up to 22 PWM
channels
• One 16-bit general purpose timer
• One 16-bit general purpose timer supports
QEI
• Two 16-bit general-purpose timers support
low-power operation in STANDBY mode
• One 32-bit general-purpose timer
• Two 16-bit advanced timers with deadband
– Two window-watchdog timers
– RTC with alarm and calendar mode
• Enhanced communication interfaces
– Four UART interfaces; one supports LIN,
IrDA, DALI, Smart Card, Manchester, and
three support low-power operation in STANDBY
mode
– Two I2C interfaces supporting up to FM+
(1Mbit/s), SMBus, PMBus, and wakeup from
STOP mode
– Two SPIs, one SPI supports up to 32Mbits/s
– One Controller Area Network (CAN) interface
supports CAN 2.0 A or B and CAN-FD
• Clock system
– Internal 4MHz to 32MHz oscillator with up to
±1.2% accuracy (SYSOSC)
– Phase-locked loop (PLL) up to 80MHz
– Internal 32kHz oscillator (LFOSC) with ±3%
accuracy
– External 4MHz to 48MHz crystal oscillator
(HFXT)
– External 32kHz crystal oscillator(LFXT)
– External clock input
• Data integrity and encryption
– Cyclic redundancy checker (CRC-16, CRC-32)
– True random number generator (TRNG)
– AES encryption with 128- or 256-bit key
• Flexible I/O features
– Up to 60 GPIOs
• Two 5V-tolerant IOs
• Two high-drive IOs with 20mA drive strength
• Development support
– 2-pin serial wire debug (SWD)
• Package options
– 64-pin LQFP
– 48-pin LQFP, VQFN
– 32-pin VQFN
– 32 and 28-pin VSSOP
– 20-pin VSSOP
• Family members (also see Device Comparison)
– MSPM0G3105: 32KB flash, 16KB RAM
– MSPM0G3106: 64KB flash, 32KB RAM
– MSPM0G3107: 128KB flash, 32KB RAM
• Development kits and software (also see Tools
and Software)
– LP-MSPM0G3507 LaunchPad™ development
kit
– MSP Software Development Kit (SDK)
• Automotive qualification
– AEC-Q100 Grade 1
– 32-pin and 48-pin QFNs with wettable flanks
option

2 Applications
• Automotive body electronics and Lighting
• Automotive Gateway
• Steering Wheel Systems
• Automotive Motor Control
• DC to AC Inverters
• Automotive Interior Lighting
• Door handle modules
• Kick to open modules
• Vehicle Occupancy Detection
• Seat Comfort Module

3 Description
MSPM0G310x microcontrollers (MCUs) are part of the MSP highly-integrated, ultra-low-power 32-bit MCU
family based on the enhanced Arm® Cortex®-M0+ 32-bit core platform operating at up to 80MHz frequency.
These cost-optimized MCUs offer high-performance analog peripheral integration, support extended temperature
ranges from -40°C to 125°C, and operate with supply voltages ranging from 1.62V to 3.6V.
The MSPM0G310x devices provide up to 128KB embedded flash program memory with built-in error correction
code (ECC) and up to 32KB SRAM with hardware parity option. The devices also incorporate a memory
protection unit, 7-channel DMA, and a variety of high-performance analog peripherals such as two 12-bit 4Msps
ADCs, configurable internal shared voltage reference, and one general-purpose amplifier. These devices also
offer intelligent digital peripherals such as two 16-bit advanced control timers, five general purpose timers (with
one 16-bit general-purpose timer for QEI interface, two 16-bit general-purpose timers for STANDBY mode,
and one 32-bit general-purpose timer), two windowed-watchdog timers, and one RTC with alarm and calendar
mode. These devices provide data integrity and encryption peripherals (CRC, TRNG, AES) and enhanced
communication interfaces (four UART, two I2C, two SPI, CAN 2.0/FD).
The TI MSPM0 family of low-power MCUs consists of devices with varying degrees of analog and digital
integration that allow customers to find the MCU that meets project needs. The MSPM0 MCU platform combines
the Arm Cortex-M0+ platform with a holistic ultra-low-power system architecture, allowing system designers to
increase performance while reducing energy consumption.
MSPM0G310x MCUs are supported by an extensive hardware and software ecosystem with reference designs
and code examples to get the design started quickly. Development kits include a LaunchPad available for
purchase. TI also provides a free MSP Software Development Kit (SDK), which is available as a component of
Code Composer Studio™ IDE desktop and cloud version within the TI Resource Explorer. MSPM0 MCUs are
also supported by extensive online collateral, training with MSP Academy, and online support through the TI
E2E™ support forums.
For complete module descriptions, see the MSPM0 G-Series 80MHz Microcontrollers Technical Reference
Manual.




Similar Part No. - M0G3105QDGS20Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
M0G3105QDGS20RQ1 TI-M0G3105QDGS20RQ1 Datasheet
3Mb / 78P
MSPM0G310x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
M0G3105QDGS20RQ1 TI-M0G3105QDGS20RQ1 Datasheet
3Mb / 81P
MSPM0G310x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
More results


Similar Description - M0G3105QDGS20Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSPM0G3107 TI-MSPM0G3107 Datasheet
1Mb / 11P
MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507 Datasheet
1Mb / 11P
MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
MSPM0G3107 TI-MSPM0G3107_V01 Datasheet
1Mb / 74P
MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
REVISED JUNE 2023
MSPM0G3107-Q1 TI-MSPM0G3107-Q1 Datasheet
3Mb / 78P
MSPM0G310x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3507-Q1 TI-MSPM0G3507-Q1 Datasheet
3Mb / 84P
MSPM0G350x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3107-Q1 TI-MSPM0G3107-Q1_V01 Datasheet
3Mb / 81P
MSPM0G310x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3507-Q1 TI-MSPM0G3507-Q1_V01 Datasheet
4Mb / 85P
MSPM0G350x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3107-Q1 TI1-MSPM0G3107-Q1_V02 Datasheet
4Mb / 82P
MSPM0G310x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3507-Q1 TI1-MSPM0G3507-Q1_V02 Datasheet
4Mb / 88P
MSPM0G350x Automotive Mixed-Signal Microcontrollers With CAN-FD Interface
OCTOBER 2023
MSPM0G3507 TI1-MSPM0G3507_V05 Datasheet
1Mb / 82P
MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com