Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1051T/3/2Z Datasheet (PDF) - NXP Semiconductors

TJA1051T/3/2Z Datasheet PDF - NXP Semiconductors
Part # TJA1051T/3/2Z
Download  TJA1051T/3/2Z Download
File Size   209.93 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed CAN transceiver

TJA1051T/3/2Z Datasheet (PDF)

Go To PDF Page Download Datasheet
TJA1051T/3/2Z Datasheet PDF - NXP Semiconductors

Part # TJA1051T/3/2Z
Download  TJA1051T/3/2Z Click to download

File Size   209.93 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed CAN transceiver

TJA1051T/3/2Z Datasheet (HTML) - NXP Semiconductors


TJA1051T/3/2Z Product details

General description
The TJA1051 is a high-speed CAN transceiver that provides an interface between a
Controller Area Network (CAN) protocol controller and the physical two-wire CAN bus.
The transceiver is designed for high-speed CAN applications in the automotive industry,
providing differential transmit and receive capability to (a microcontroller with) a CAN
protocol controller.
The TJA1051 belongs to the third generation of high-speed CAN transceivers from NXP
Semiconductors, offering significant improvements over first- and second-generation
devices such as the TJA1050. It offers improved ElectroMagnetic Compatibility (EMC)
and ElectroStatic Discharge (ESD) performance, and also features:
• Ideal passive behavior to the CAN bus when the supply voltage is off
• TJA1051T/3 and TJA1051TK/3 can be interfaced directly to microcontrollers with
supply voltages from 3 V to 5 V
The TJA1051 implements the CAN physical layer as defined in ISO 11898-2:2016 and
SAE J2284-1 to SAE J2284-5. This implementation enables reliable communication in the
CAN FD fast phase at data rates up to 5 Mbit/s.
These features make the TJA1051 an excellent choice for all types of HS-CAN networks,
in nodes that do not require a standby mode with wake-up capability via the bus.

Features and benefits
2.1 General
ISO 11898-2:2016 and SAE J2284-1 to SAE J2284-5 compliant
Timing guaranteed for data rates up to 5 Mbit/s in the CAN FD fast phase
Suitable for 12 V and 24 V systems
Low ElectroMagnetic Emission (EME) and high ElectroMagnetic Immunity (EMI)
VIO input on TJA1051T/3 and TJA1051TK/3 allows for direct interfacing with 3 V to 5 V
microcontrollers (available in SO8 and very small HVSON8 packages respectively)
EN input on TJA1051T/E allows the microcontroller to switch the transceiver to a very
low-current Off mode
Available in SO8 package or leadless HVSON8 package (3.0 mm  3.0 mm) with
improved Automated Optical Inspection (AOI) capability
Dark green product (halogen free and Restriction of Hazardous Substances (RoHS)
compliant)
AEC-Q100 qualified
2.2 Low-power management
Functional behavior predictable under all supply conditions
Transceiver disengages from the bus when not powered up (zero load)
2.3 Protection
High ElectroStatic Discharge (ESD) handling capability on the bus pins
Bus pins protected against transients in automotive environments
Transmit Data (TXD) dominant time-out function
Undervoltage detection on pins VCC and VIO
Thermally protected




Similar Part No. - TJA1051T/3/2Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T/3 NXP-TJA1051T/3 Datasheet
112Kb / 18P
High-speed CAN transceiver
Rev. 02-1 July 2009
TJA1051T/3 NXP-TJA1051T/3 Datasheet
383Kb / 18P
High-speed CAN transceiver
Rev. 04-20 October 2009
TJA1051T/3,118 NXP-TJA1051T/3,118 Datasheet
112Kb / 18P
High-speed CAN transceiver
Rev. 02-1 July 2009
TJA1051T/3,118 NXP-TJA1051T/3,118 Datasheet
383Kb / 18P
High-speed CAN transceiver
Rev. 04-20 October 2009
TJA1051T/3118 NXP-TJA1051T/3118 Datasheet
112Kb / 18P
High-speed CAN transceiver
Rev. 02-1 July 2009
More results


Similar Description - TJA1051T/3/2Z

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com