Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8138-EP Datasheet (PDF) - Analog Devices

AD8138-EP Datasheet PDF - Analog Devices
Part # AD8138-EP
Download  AD8138-EP Download
File Size   170.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Differential ADC Driver

AD8138-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8138-EP Datasheet PDF - Analog Devices

Part # AD8138-EP
Download  AD8138-EP Click to download

File Size   170.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Differential ADC Driver

AD8138-EP Datasheet (HTML) - Analog Devices


AD8138-EP Product details

FEATURES
Adjustable output common-mode voltage
Low harmonic distortion
−94 dBc SFDR @ 5 MHz
−85 dBc SFDR @ 20 MHz
−3 dB bandwidth of 320 MHz, G = +1
Fast settling to 0.01% of 16 ns
Fast overdrive recovery of 4 ns
Low input voltage noise of 5 nV/√Hz
Low power 90 mW on 5 V

ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC)
Extended temperature range −55ºC to +105°C
Controlled manufacturing baseline
One assembly/test site
One fabrication site
Enhanced product change notification
Qualification data available on request

APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers

GENERAL DESCRIPTION
The AD8138-EP is a major advancement over op amps for
differential signal processing. The AD8138-EP can be used
as a single-ended-to-differential amplifier or as a differential-todifferential amplifier. The AD8138-EP is as easy to use as an op
amp and greatly simplifies differential signal amplification and
driving. Manufactured on Analog Devices, Inc., proprietary XFCB
bipolar process, the AD8138-EP has a −3 dB bandwidth of 320 MHz
and delivers a differential signal with the lowest harmonic distortion
available in a differential amplifier. The AD8138-EP has a unique
internal feedback feature that provides balanced output gain and
phase matching, suppressing even order harmonics. The internal
feedback circuit also minimizes any gain error that would be
associated with the mismatches in the external gain setting resistors.
The AD8138-EP’s differential output helps balance the input to
the differential ADCs, maximizing the performance of the ADC.
The AD8138-EP eliminates the need for a transformer with
high performance ADCs, preserving the low frequency and dc
information. The common-mode level of the differential output
is adjustable by a voltage on the VOCM pin, easily level-shifting
the input signals for driving single-supply ADCs. Fast overload
recovery preserves sampling accuracy.
The AD8138-EP distortion performance makes it an ideal ADC
driver for communication systems, with distortion performance
good enough to drive state-of-the-art 10-bit to 16-bit converters
at high frequencies. The AD8138-EP’s high bandwidth and IP3 also
make it appropriate for use as a gain block in IF and baseband
signal chains. The AD8138-EP offset and dynamic performance
make it well suited for a wide variety of signal processing and
data acquisition applications. The AD8138-EP is available in the
MSOP package for operation over −55°C to +105°C temperatures.
Full details about this enhanced product are available in the
AD8138 data sheet, which should be consulted in conjunction
with this data sheet.




Similar Part No. - AD8138-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138-EVAL AD-AD8138-EVAL Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
More results


Similar Description - AD8138-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
Ultra-Low Distortion Differential ADC Driver
05/07-Rev. PrC to Rev. PrD
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com