Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT080A60L Datasheet (PDF) - Alpha & Omega Semiconductors

AOT080A60L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT080A60L
Download  AOT080A60L Download
File Size   405.21 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description  600V, a MOS5 TM N-Channel Power Transistor

AOT080A60L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT080A60L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT080A60L
Download  AOT080A60L Click to download

File Size   405.21 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description  600V, a MOS5 TM N-Channel Power Transistor

AOT080A60L Datasheet (HTML) - Alpha & Omega Semiconductors


AOT080A60L Product details

General Description
• Proprietary αMOS5TM technology
• Low RDS(ON)
• Optimized switching parameters for better EMI
performance
• Enhanced body diode for robustness and fast
reverse
• RoHS 2.0 and Halogen-Free Compliant

Applications
• PFC and PWM stages (LLC, PSFB,TTF) of Server,
Telecom, Industrial, UPS, and Solar Inverters




Similar Part No. - AOT080A60L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT095A60L AOSMD-AOT095A60L Datasheet
463Kb / 6P
600V,aMOS5TM N-Channel Power Transistor
Rev.2.1: December 2020
More results


Similar Description - AOT080A60L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW4S60 AOSMD-AOW4S60 Datasheet
290Kb / 6P
600V 4A a MOS TM Power Transistor
AOTF190A60L AOSMD-AOTF190A60L Datasheet
345Kb / 6P
600V, a MOS5 TM N-Channel Power Transistor
AONS420A70 AOSMD-AONS420A70 Datasheet
684Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev1.0: December 2021
AONS520A70 AOSMD-AONS520A70 Datasheet
693Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev 1.0: December 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com