Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OB2502 Datasheet (PDF) - On-Bright Electronics Co., Ltd.

OB2502 Datasheet PDF - On-Bright Electronics Co., Ltd.
Part # OB2502
Download  OB2502 Download
File Size   826.56 Kbytes
Page   10 Pages
Manufacturer  ONBRIGHT [On-Bright Electronics Co., Ltd.]
Direct Link  https://www.on-bright.com/en/
Logo ONBRIGHT - On-Bright Electronics Co., Ltd.
Description High Precision CC/CV Primary-Side Power Switch

OB2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
OB2502 Datasheet PDF - On-Bright Electronics Co., Ltd.

Part # OB2502
Download  OB2502 Click to download

File Size   826.56 Kbytes
Page   10 Pages
Manufacturer  ONBRIGHT [On-Bright Electronics Co., Ltd.]
Direct Link  https://www.on-bright.com/en/
Logo ONBRIGHT - On-Bright Electronics Co., Ltd.
Description High Precision CC/CV Primary-Side Power Switch

OB2502 Datasheet (HTML) - On-Bright Electronics Co., Ltd.


OB2502 Product details

GENERAL DESCRIPTION
OB2502x is a high performance offline PSR power
switch for low power AC/DC charger and adapter
applications. It operates in primary-side sensing
and regulation. Consequently, opto-coupler and
TL431 could be eliminated. Proprietary Constant
Voltage (CV) and Constant Current (CC) control is
integrated as shown in the figure below.
In CC control, the current and output power setting
can be adjusted externally by the sense resistor
Rs at CS pin. In CV control, multi-mode operations
are utilized to achieve high performance and high
efficiency. In addition, good load regulation is
achieved by the built-in cable drop compensation.
Device operates in PFM in CC mode at large load
condition and it operates in PWM with frequency
reduction at light/medium load. The chip
consumes very low operation current. It achieves
less than 75mW standby power to meet strict
standby power standard.
OB2502x offers comprehensive protection
coverage with auto-recovery feature including
Cycle-by-Cycle current limiting, VDD over voltage
protection, feedback loop open protection, short
circuit protection, built-in leading edge blanking,
VDD under voltage lockout (UVLO), OTP etc.
OB2502x is offered in SOP8 packages.

FEATURES
 Primary-side sensing and regulation without
TL431 and opto-coupler
 High precision constant voltage and current
regulation at universal AC input
 Multi-mode PWM/PFM operation for efficiency
improving
 Integrated 2A/3A MOSFET
 Good dynamic response with synchronous
rectifier application
 Programmable CV and CC regulation
 Built-in primary winding inductance
compensation
 Programmable cable drop compensation
 No need for control loop compensation
 Audio noise free operation
 Built-in leading edge blanking (LEB)
 Ultra low start-up current and low operating
current
 Comprehensive protection coverage with
auto-recovery
 On-chip OTP
 VDD over voltage protection
 VDD under voltage lockout with
hysteresis (UVLO)
 Cycle-by-Cycle current limiting
 Feedback loop open protection
 Output short circuit protection

APPLICATIONS
Low Power AC/DC offline SMPS for
 Cell Phone Charger
 Digital Cameras Charger
 Small Power Adapter
 Auxiliary Power for PC, TV etc.
 Linear Regulator/RCC Replacement




Similar Part No. - OB2502

ManufacturerPart #DatasheetDescription
logo
On-Bright Electronics C...
OB2502PCP ONBRIGHT-OB2502PCP Datasheet
826Kb / 10P
High Precision CC/CV Primary-Side Power Switch
More results


Similar Description - OB2502

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSS1650 UTC-UPSS1650 Datasheet
206Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB01 UTC-USRB01 Datasheet
199Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB02 UTC-USRB02 Datasheet
224Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB01 UTC-USRB01_16 Datasheet
141Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB01A UTC-USRB01A Datasheet
218Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com