Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA837 Datasheet PDF - Texas Instruments
Part # OPA837
Download  OPA837 Download
File Size   3631.5 Kbytes
Page   56 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp

OPA837 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA837 Datasheet PDF - Texas Instruments

Part # OPA837
Download  OPA837 Click to download

File Size   3631.5 Kbytes
Page   56 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp

OPA837 Datasheet (HTML) - Texas Instruments


OPA837 Product details

1 Features
• Gain bandwidth product: 300MHz
• Very-low (trimmed) supply current: 950μA
• Bandwidth: 90MHz (AV = 6V/V)
• High full-power bandwidth: 45MHz, 4VPP
• Negative rail input, rail-to-rail output
• Single-supply operating range: 2.7V to 5.4V
• 25°C input offset: ±125μV (maximum)
• Input offset voltage drift: < ±1.6μV/°C (maximum)
• Input voltage noise: 1.8nV/√Hz (> 200Hz)
• Input current noise: 1pA/√Hz (> 2000Hz)
• < 1μA shutdown current for power savings

2 Applications
• Low-power transimpedance amplifier
• Low-noise high-gain stage
• 12-bit to 16-bit low-power SAR ADC driver
• High-gain active filter design
• Ultrasonic flow meter

3 Description
The OPA838 decompensated voltage-feedback
operational amplifier provides a high, 300MHz
gain bandwidth product with 1.8nV/√Hz input noise
voltage, requiring only a trimmed 0.95mA supply
current. These features combine to provide an
extremely power-efficient device for photodiode
transimpedance designs and high-voltage gain
stages, which require the lowest input voltage noise
in signal receiver applications.
Operating at the minimum recommended noninverting
gain of 6V/V results in a 90MHz, –3dB bandwidth.
Extremely low input noise and offset voltage make
the OPA838 an excellent choice for high gains. Even
at a dc-coupled gain of 1000V/V, a 300kHz signal
bandwidth is available with a maximum output offset
voltage of ±125mV.
The single-channel OPA838 is available in 6-pin
SOT-23, 6-pin SC70, and 8-pin X2QFN packages, all
with a power shutdown feature. The OPA838 is also
available in a 5-pin SC70 package.




Similar Part No. - OPA837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA837 TI1-OPA837 Datasheet
2Mb / 51P
OPA837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
2Mb / 57P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
2Mb / 58P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837 Datasheet
567Kb / 21P
50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
OPA837 TI-OPA837 Datasheet
2Mb / 63P
OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
REVISED DECEMBER 2018
More results


Similar Description - OPA837

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
logo
Analog Devices
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
LMH6609 900MHz Voltage Feedback Op Amp
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com