Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1150801 Datasheet (PDF) - PHOENIX CONTACT

1150801 Datasheet PDF - PHOENIX CONTACT
Part # 1150801
Download  1150801 Download
File Size   346.82 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 0,5/ 1-G1SHL-2,54P20THRR24 - PCB header

1150801 Datasheet (PDF)

Go To PDF Page Download Datasheet
1150801 Datasheet PDF - PHOENIX CONTACT

Part # 1150801
Download  1150801 Click to download

File Size   346.82 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 0,5/ 1-G1SHL-2,54P20THRR24 - PCB header

1150801 Datasheet (HTML) - PHOENIX CONTACT


1150801 Product details

PCB headers, nominal cross section: 0.34 mm2, color: black, nominal current: 5 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Pin, number of positions: 1, product
range: DMC 0,5/..-G1SHL-THR, pitch: 2.54 mm, mounting: THR soldering, plug-in system:
COMBICON DFMC 0,5 lock & shielded, Electrical properties: shielded, locking: shielded
connection, type of packaging: 24 mm wide tape

Your advantages
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Designed for integration into the SMT process
• Conductor connection on several levels enables higher contact density with the same surface area
• Supplied in tape-on-reel packing according to IEC 60286-3 for automated mounting




Similar Part No. - 1150801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1150808 PHOENIX-1150808 Datasheet
410Kb / 9P
DMCC 0,5/ 1-ST-SHL 7,0-2,54 - PCB connector
More results


Similar Description - 1150801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1053810 PHOENIX-1053810 Datasheet
456Kb / 10P
PCB header - DMC 1,5/ 4-G1-3,5 P35
Jan 5, 2023
1786837 PHOENIX-1786837 Datasheet
552Kb / 11P
PCB header - DMC 1,5/ 2-G1-3,5 P20THR
1053812 PHOENIX-1053812 Datasheet
461Kb / 10P
DMC 1,5/ 6-G1-3,5 P35 - PCB header
1053833 PHOENIX-1053833 Datasheet
457Kb / 10P
DMC 1,5/16-G1-3,5 P35 - PCB header
1053878 PHOENIX-1053878 Datasheet
476Kb / 11P
DMC 1,5/15-G1F-3,5-LR P35 - PCB header
1053809 PHOENIX-1053809 Datasheet
456Kb / 10P
DMC 1,5/ 3-G1-3,5 P35 - PCB header
1053808 PHOENIX-1053808 Datasheet
447Kb / 10P
DMC 1,5/ 2-G1-3,5 P35 - PCB header
1053824 PHOENIX-1053824 Datasheet
458Kb / 10P
DMC 1,5/12-G1-3,5 P35 - PCB header
1033583 PHOENIX-1033583 Datasheet
362Kb / 11P
DMC 1,5/20-G1-3,5-LR P26THR - PCB header
1873950 PHOENIX-1873950 Datasheet
551Kb / 11P
DMC 1,5/ 4-G1-3,5 P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com