Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N60-TC2 Datasheet (PDF) - Unisonic Technologies

5N60-TC2 Datasheet PDF - Unisonic Technologies
Part # 5N60-TC2
Download  5N60-TC2 Download
File Size   453.83 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5A, 600V N-CHANNEL POWER MOSFET

5N60-TC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
5N60-TC2 Datasheet PDF - Unisonic Technologies

Part # 5N60-TC2
Download  5N60-TC2 Click to download

File Size   453.83 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5A, 600V N-CHANNEL POWER MOSFET

5N60-TC2 Datasheet (HTML) - Unisonic Technologies


5N60-TC2 Product details

 DESCRIPTION
The UTC 5N60-TC2 is a N-channel mode power MOSFET
using UTC’s advanced technology to provide customers with
planar stripe and DMOS technology. This technology allows a
minimum on-state resistance and superior switching performance.
It also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 5N60-TC2 is generally applied in high efficiency
switch mode power supplies.

 FEATURES
* RDS(ON) < 1.8Ω @ VGS = 10 V, ID = 2.5A
* High Switching Speed




Similar Part No. - 5N60-TC2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60-TA3-T UTC-5N60-TA3-T Datasheet
151Kb / 6P
4.5 Amps, 600 Volts N-CHANNEL MOSFET
5N60-TF3-T UTC-5N60-TF3-T Datasheet
151Kb / 6P
4.5 Amps, 600 Volts N-CHANNEL MOSFET
More results


Similar Description - 5N60-TC2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
May-2000
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60 Datasheet
164Kb / 5P
600V, 5A N-Channel MOSFET
logo
Unisonic Technologies
5N60 UTC-5N60_11 Datasheet
254Kb / 6P
5A, 600V N-CHANNEL POWER MOSFET
5N65 UTC-5N65 Datasheet
253Kb / 6P
5A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60_10 Datasheet
137Kb / 5P
600V,5A N-Channel MOSFET
logo
Unisonic Technologies
5N60Z UTC-5N60Z Datasheet
199Kb / 6P
5A, 600V N-CHANNEL POWER MOSFET
UF5N15Z UTC-UF5N15Z Datasheet
146Kb / 3P
5A, 150V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
600V,5A N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com