Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD6039T4G Datasheet (PDF) - ON Semiconductor

MJD6039T4G Datasheet PDF - ON Semiconductor
Part # MJD6039T4G
Download  MJD6039T4G Download
File Size   262.75 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Darlington Power Transistors DPAK For Surface Mount Applications

MJD6039T4G Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD6039T4G Datasheet PDF - ON Semiconductor

Part # MJD6039T4G
Download  MJD6039T4G Click to download

File Size   262.75 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Darlington Power Transistors DPAK For Surface Mount Applications

MJD6039T4G Datasheet (HTML) - ON Semiconductor


MJD6039T4G Product details

Designed for general purpose power and switching such as output or
driver stages in applications such as switching regulators, convertors,
and power amplifiers.
Features
 Lead Formed for Surface Mount Applications in Plastic Sleeves
(No Suffix)
 Straight Lead Version in Plastic Sleeves (“−1” Suffix)
 Monolithic Construction With Built−in Base−Emitter Shunt Resistors
 High DC Current Gain − hFE = 2500 (Typ) @ IC = 4.0 Adc
 Epoxy Meets UL 94 V−0 @ 0.125 in
 ESD Ratings:
 Human Body Model, 3B > 8000 V
 Machine Model, C > 400 V
 NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
 Pb−Free Package is Available*




Similar Part No. - MJD6039T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD6039T4G ONSEMI-MJD6039T4G Datasheet
80Kb / 5P
Darlington Power Transistors
January, 2006 ??Rev. 4
MJD6039T4G ONSEMI-MJD6039T4G Datasheet
188Kb / 5P
Darlington Power Transistors
February, 2012 ??Rev. 9
More results


Similar Description - MJD6039T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJD2873T4 ONSEMI-NJD2873T4 Datasheet
50Kb / 6P
NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
MJD44E3 ONSEMI-MJD44E3 Datasheet
50Kb / 3P
Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS, 20 WATTS
December, 2005 ??Rev. 4
MJD243 ONSEMI-MJD243_07 Datasheet
98Kb / 8P
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Unisonic Technologies
MJD210 UTC-MJD210 Datasheet
164Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
MMDJ3N03BJT ONSEMI-MMDJ3N03BJT Datasheet
197Kb / 6P
Plastic Power Transistors SO?? for Surface Mount Applications
August, 2006 ??Rev. 5
logo
Unisonic Technologies
MJD210 UTC-MJD210_10 Datasheet
209Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
111Kb / 5P
NPN Silicon DPAK For Surface Mount Applications
June, 2012 ??Rev. 14
NJD1718 ONSEMI-NJD1718_13 Datasheet
113Kb / 5P
PNP Silicon DPAK For Surface Mount Applications
October, 2013 ??Rev. 4
logo
Unisonic Technologies
MJD210 UTC-MJD210_15 Datasheet
209Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com