Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS16T3G Datasheet (PDF) - ON Semiconductor

SS16T3G Datasheet PDF - ON Semiconductor
Part # SS16T3G
Download  SS16T3G Download
File Size   151.82 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package

SS16T3G Datasheet (PDF)

Go To PDF Page Download Datasheet
SS16T3G Datasheet PDF - ON Semiconductor

Part # SS16T3G
Download  SS16T3G Click to download

File Size   151.82 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package

SS16T3G Datasheet (HTML) - ON Semiconductor


SS16T3G Product details

These devices employ the Schottky Barrier principle in a large area
metal−to−silicon power diode. State of the art geometry features
epitaxial construction with oxide passivation and metal overlay
contact. Ideally suited for low voltage, high frequency rectification, or
as free wheeling and polarity diodes in surface mount applications
where compact size and weight are critical to the system.
Features
• Small Compact Surface Mountable Package with J−Bent Leads
• Rectangular Package for Automated Handling
• Highly Stable Oxide Passivated Junction
• Very Low Forward Voltage Drop
• Guardring for Stress Protection
• SBRA8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics
• Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
• Weight: 70 mg (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Shipped in 12 mm tape, 5000 units per 13 inch reel
• Polarity: Cathode Lead Indicated by Polarity Band
• ESD Ratings:
♦ Machine Model = C
♦ Human Body Model = 3B
• Device Meets MSL 1 Requirements




Similar Part No. - SS16T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS16T3G ONSEMI-SS16T3G Datasheet
48Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 6
SS16T3G ONSEMI-SS16T3G Datasheet
140Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 7
SS16T3G ONSEMI-SS16T3G Datasheet
280Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 9
More results


Similar Description - SS16T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA340T3 ONSEMI-MBRA340T3_06 Datasheet
54Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
October, 2006 ??Rev. 4
MBRA1H100T3G ONSEMI-MBRA1H100T3G Datasheet
122Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
January, 2012 ??Rev. 2
MBRS2H100T3G ONSEMI-MBRS2H100T3G_09 Datasheet
141Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
March, 2009 ??Rev. 5
NRVBA2H100T3G ONSEMI-NRVBA2H100T3G Datasheet
120Kb / 7P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
December, 2012 ??Rev. 8
MBRA1H100 ONSEMI-MBRA1H100 Datasheet
251Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 ??Rev. 4
MBRA140 ONSEMI-MBRA140_V01 Datasheet
301Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
February, 2020 - Rev. 12
MBRA340 ONSEMI-MBRA340 Datasheet
204Kb / 6P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
March, 2020 - Rev. 12
SS16T3G ONSEMI-SS16T3G Datasheet
280Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 9
MBRA160 ONSEMI-MBRA160 Datasheet
263Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 14
MBRS2H100T3G ONSEMI-MBRS2H100T3G_V01 Datasheet
245Kb / 8P
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
January, 2022 - Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com