Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1805408 Datasheet (PDF) - PHOENIX CONTACT

1805408 Datasheet PDF - PHOENIX CONTACT
Part # 1805408
Download  1805408 Download
File Size   850.0 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5/13-STF-5,08 - PCB connector

1805408 Datasheet (PDF)

Go To PDF Page Download Datasheet
1805408 Datasheet PDF - PHOENIX CONTACT

Part # 1805408
Download  1805408 Click to download

File Size   850.0 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBT 2,5/13-STF-5,08 - PCB connector

1805408 Datasheet (HTML) - PHOENIX CONTACT


1805408 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
13, number of rows: 1, number of positions: 13, number of connections: 13, product range:
MSTBT 2,5/..-STF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without
locking clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking mechanism,
mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Screwable flange for superior mechanical stability
• Allows connection of two conductors




Similar Part No. - 1805408

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
18054 ARIES-18054 Datasheet
552Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
logo
PHOENIX CONTACT
1805411 PHOENIX-1805411 Datasheet
147Kb / 6P
MSTBT 2,5/14-STF-5,08
1805423 PHOENIX-1805423 Datasheet
362Kb / 12P
FMC 1,5/ 2-ST-3,5 AU - PCB connectors
1805424 PHOENIX-1805424 Datasheet
105Kb / 8P
Printed-circuit board connector - MSTBT 2,5/15-STF-5,08
1805437 PHOENIX-1805437 Datasheet
143Kb / 6P
IC 2,5/16-STGF-5,08
More results


Similar Description - 1805408

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1805424 PHOENIX-1805424 Datasheet
105Kb / 8P
Printed-circuit board connector - MSTBT 2,5/15-STF-5,08
1919909 PHOENIX-1919909 Datasheet
105Kb / 8P
Printed-circuit board connector - MSTBT 2,5/17-STF-5,08
1805411 PHOENIX-1805411 Datasheet
147Kb / 6P
MSTBT 2,5/14-STF-5,08
1805385 PHOENIX-1805385 Datasheet
116Kb / 9P
Printed-circuit board connector - MSTBT 2,5/11-STF-5,08
1919828 PHOENIX-1919828 Datasheet
132Kb / 3P
MSTBT 2,5/13-STF
1919734 PHOENIX-1919734 Datasheet
346Kb / 11P
PCB connector - MSTBT 2,5/ 4-STF
Nov 30, 2022
1919747 PHOENIX-1919747 Datasheet
730Kb / 15P
PCB connector - MSTBT 2,5/ 5-STF
Sep 8, 2022
1873317 PHOENIX-1873317 Datasheet
824Kb / 16P
PCB connector - FKC 2,5/13-STF-5,08
Jan 5, 2023
1902411 PHOENIX-1902411 Datasheet
1Mb / 22P
FKCT 2,5/13-STF-5,08 - PCB connector
1825420 PHOENIX-1825420 Datasheet
644Kb / 16P
IC 2,5/13-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com