Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3013094 Datasheet (PDF) - PHOENIX CONTACT

3013094 Datasheet PDF - PHOENIX CONTACT
Part # 3013094
Download  3013094 Download
File Size   352.4 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description G 10/ 3 SO-DK - Device terminal block

3013094 Datasheet (PDF)

Go To PDF Page Download Datasheet
3013094 Datasheet PDF - PHOENIX CONTACT

Part # 3013094
Download  3013094 Click to download

File Size   352.4 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description G 10/ 3 SO-DK - Device terminal block

3013094 Datasheet (HTML) - PHOENIX CONTACT


3013094 Product details

Device terminal block, nom. voltage: 800 V, nominal current: 57 A, number of connections: 6,
number of positions: 3, connection method: Screw connection, Rated cross section: 10 mm2,
cross section: 0.5 mm2 - 16 mm2, mounting type: direct screw connection, color: gray

Your advantages
• Touch-proof shock protection




Similar Part No. - 3013094

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
30130-23 NSC-30130-23 Datasheet
4Mb / 244P
Geode??GXm Processor Integrated x86 Solution with MMX Support
More results


Similar Description - 3013094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704059 PHOENIX-1704059 Datasheet
96Kb / 6P
PCB terminal block - KDS10/SO
1904053 PHOENIX-1904053 Datasheet
80Kb / 4P
PCB terminal block - SMKDSN 1,5/ 3 BD:3,2,1 SO
1988435 PHOENIX-1988435 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 3 SO RDBKWH
1988561 PHOENIX-1988561 Datasheet
43Kb / 2P
PCB terminal block - ZFKDSA 1,5C-5,0- 3 SO WHBKRD
2703185 PHOENIX-2703185 Datasheet
84Kb / 7P
Device terminal block - G 5/ 4-EX
2703198 PHOENIX-2703198 Datasheet
81Kb / 6P
Device terminal block - G 5/ 6-EX
2716732 PHOENIX-2716732 Datasheet
74Kb / 6P
Device terminal block - G 10/ 5
3071049 PHOENIX-3071049 Datasheet
75Kb / 6P
Device terminal block - GE 10/2
2703208 PHOENIX-2703208 Datasheet
80Kb / 7P
Device terminal block - G 5/12-EX
09/12/2020
3244711 PHOENIX-3244711 Datasheet
69Kb / 5P
Device terminal block - G 10/ 5 BD:L1,L2,L3,N,PE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com